Electronic Components Datasheet Search
  English  ▼

X  

TLVH431ACDBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431ACDBVT
Description  TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431ACDBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLVH431ACDBVT Datasheet HTML 13Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 14Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 15Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 16Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 17Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 18Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 19Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 20Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
8.2 Typical Applications
8.2.1 Comparator With Integrated Reference (Open Loop)
+
1.24 V
CATHODE
ANODE
REF
VIN
Vout
Vsup
Rsup
R1
R2
VL
RIN
Figure 8-2. Comparator Application Schematic
8.2.1.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input Voltage Range
0V to 5V
Input Resistance
10kΩ
Supply Voltage
9V
Cathode Current (Ik)
500µA
Output Voltage Level
~1 V - Vsup
Logic Input Thresholds VIH/VIL
VL
8.2.1.2 Detailed Design Procedure
When using TLVH431 as a comparator with reference, determine the following:
• Input voltage range
• Reference voltage accuracy
• Output logic input high and low level thresholds
• Current source resistance
8.2.1.2.1 Basic Operation
In the configuration shown in Figure 8-2, TLVH431 behaves as a comparator, comparing the Vref pin voltage to
the internal virtual reference voltage. When provided a proper cathode current (Ik), TLVH431 will have enough
open loop gain to provide a quick response. With the TLVH431's max Operating Current (Imin) being 100 uA and
up to 150 uA over temperature, operation below that could result in low gain, leading to a slow response.
www.ti.com
TLVH431, TLVH431A, TLVH431B, TLVH432, TLVH432A, TLVH432B
SLVS555N – NOVEMBER 2004 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com