Electronic Components Datasheet Search
  English  ▼

X  

DS32X35 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button DS32X35 Datasheet HTML 9Page - Maxim Integrated Products DS32X35 Datasheet HTML 10Page - Maxim Integrated Products DS32X35 Datasheet HTML 11Page - Maxim Integrated Products DS32X35 Datasheet HTML 12Page - Maxim Integrated Products DS32X35 Datasheet HTML 13Page - Maxim Integrated Products DS32X35 Datasheet HTML 14Page - Maxim Integrated Products DS32X35 Datasheet HTML 15Page - Maxim Integrated Products DS32X35 Datasheet HTML 16Page - Maxim Integrated Products DS32X35 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Alarms
The DS32x35 contains two time-of-day/date alarms.
Alarm 1 can be set by writing to registers 07h to 0Ah.
Alarm 2 can be set by writing to registers 0Bh to 0Dh.
The alarms can be programmed (by the alarm enable
and INTCN bits of the Control register) to activate the
INT/SQW output on an alarm match condition. Bit 7 of
each of the time-of-day/date alarm registers are mask
bits (Table 4). When all the mask bits for each alarm
are logic 0, an alarm only occurs when the values in the
timekeeping registers match the corresponding values
stored in the time-of-day/date alarm registers. The
alarms can also be programmed to repeat every sec-
ond, minute, hour, day, or date. Table 4 shows the
possible settings. Configurations not listed in the table
will result in illogical operation.
The DY/
DT bits (bit 6 of the alarm day/date registers)
control whether the alarm value stored in bits 0 to 5 of
that register reflects the day of the week or the date of
the month. If DY/
DT is written to logic 0, the alarm is the
result of a match with date of the month. If DY/
DT is
written to logic 1, the alarm is the result of a match with
day of the week.
When the RTC register values match alarm register set-
tings, the corresponding Alarm Flag (“A1F”) or (“A2F”)
bit is set to logic 1. If the corresponding alarm interrupt
enable (“A1IE”) or (“A2IE”) is also set to logic 1 and the
INTCN bit is set to logic 1, the alarm condition will acti-
vate the
INT/SQW signal.
Table 4. Alarm Mask Bits
ALARM 1 REGISTER MASK BITS (BIT 7)
DY/
DT
A1M4
A1M3
A1M2
A1M1
ALARM RATE
X
1
1
1
1
Alarm once per second.
X
1
1
1
0
Alarm when seconds match.
X
1
1
0
0
Alarm when minutes and seconds match.
X
1
0
0
0
Alarm when hours, minutes, and seconds match.
0
0
0
0
0
Alarm when date, hours, minutes, and seconds match.
1
0
0
0
0
Alarm when day, hours, minutes, and seconds match.
ALARM 2 REGISTER MASK BITS (BIT 7)
DY/
DT
A2M4
A2M3
A2M2
ALARM RATE
X
1
1
1
Alarm once per minute (00 seconds of every minute).
X
1
1
0
Alarm when minutes match.
X
1
0
0
Alarm when hours and minutes match.
0
0
0
0
Alarm when date, hours, and minutes match.
1
0
0
0
Alarm when day, hours, and minutes match.
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
____________________________________________________________________
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com