Electronic Components Datasheet Search
  English  ▼

X  

DS32X35 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS32X35 Datasheet HTML 1Page - Maxim Integrated Products DS32X35 Datasheet HTML 2Page - Maxim Integrated Products DS32X35 Datasheet HTML 3Page - Maxim Integrated Products DS32X35 Datasheet HTML 4Page - Maxim Integrated Products DS32X35 Datasheet HTML 5Page - Maxim Integrated Products DS32X35 Datasheet HTML 6Page - Maxim Integrated Products DS32X35 Datasheet HTML 7Page - Maxim Integrated Products DS32X35 Datasheet HTML 8Page - Maxim Integrated Products DS32X35 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +85°C, unless otherwise noted.) (Notes 1, 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to Ground......-0.3V to +5.0V
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+125°C
Storage Temperature Range ...............................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature ....................................................See the
IPC/JEDEC J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
2.70
3.3
3.63
V
Battery Voltage
VBAT
(Note 3)
2.3
3.0
3.6
V
Input High Voltage
VIH
(Note 4)
0.7 x
VCC
VCC +
0.3
V
Input Low Voltage
VIL
-0.3
+0.3 x
VCC
V
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.63V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Accessing RTC registers
260
Active Supply Current
ICCA
VCC = 3.63V,
SCL = 400kHz
(Note 5)
Accessing FRAM
memory
260
µA
Standby Supply Current
ICCS
VCC = 3.63V, SCL = 0kHz,
32kHz on, SQW off (Note 5)
110
µA
Temperature Conversion Current
ITC
VCC = 3.65V, SCL = 0kHz,
32kHz on, SQW off
575
µA
Power-Fail Voltage
VPF
2.45
2.575
2.70
V
Logic 0 Output
32kHz,
INT/SQW, SDA
VOL
IOL = 3mA
0.4
V
Logic 0 Output
RST
VOL
IOL = 1mA
0.4
V
Output Leakage Current
32kHz,
INT/SQW, SDA
ILEAK
Output high impedance
-1
+1
µA
Input Leakage
SCL
ILI
-1
+1
µA
RST I/O Leakage
IOL
RST high impedance (Note 6)
-200
+10
µA
VIN = VIL(MAX)
50
k
Ω
WP Input Resistance
RIN
VIN = VIH(MIN)
1
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com