Electronic Components Datasheet Search
  English  ▼

X  

DS32X35 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS32X35 Datasheet HTML 1Page - Maxim Integrated Products DS32X35 Datasheet HTML 2Page - Maxim Integrated Products DS32X35 Datasheet HTML 3Page - Maxim Integrated Products DS32X35 Datasheet HTML 4Page - Maxim Integrated Products DS32X35 Datasheet HTML 5Page - Maxim Integrated Products DS32X35 Datasheet HTML 6Page - Maxim Integrated Products DS32X35 Datasheet HTML 7Page - Maxim Integrated Products DS32X35 Datasheet HTML 8Page - Maxim Integrated Products DS32X35 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
4
_____________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 3.63V, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Fast mode
100
400
SCL Clock Frequency
fSCL
Standard mode
0
100
kHz
Fast mode
1.3
Bus Free Time Between STOP
and START Conditions
tBUF
Standard mode
4.7
μs
Fast mode
0.6
Hold Time (Repeated) START
Condition (Note 7)
tHD:STA
Standard mode
4.0
μs
Fast mode
1.3
Low Period of SCL Clock
tLOW
Standard mode
4.7
μs
Fast mode
0.6
High Period of SCL Clock
tHIGH
Standard mode
4.0
μs
Fast mode
0
0.9
Data Hold Time (Notes 8, 9)
tHD:DAT
Standard mode
0
μs
Fast mode
100
Data Setup Time (Note 10)
tSU:DAT
Standard mode
250
ns
Fast mode
0.6
Setup Time for Repeated START
Condition
tSU:STA
Standard mode
4.7
μs
Fast mode
300
Rise Time of Both SDA and SCL
Signals (Note 11)
tR
Standard mode
20 +
0.1CB
1000
ns
Fast mode
300
Fall Time of Both SDA and SCL
Signals (Note 11)
tF
Standard mode
20 +
0.1CB
300
ns
Fast mode
0.6
Setup Time for STOP Condition
tSU:STO
Standard mode
4.0
μs
Capacitive Load for Each Bus
Line (Note 11)
CB
400
pF
10
I/O Capacitance
INT/SQW, 32kHz, SCL, SDA
CI/O
Outputs = high impedance
18
pF
Pushbutton Debounce
PBDB
(See the Pushbutton Reset Timing diagram)
250
ms
Reset Active Time
tRST
250
ms
Oscillator Stop Flag (OSF) Delay
tOSF
(Note 12)
100
ms
FRAM Data Retention
tDR
10
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com