Electronic Components Datasheet Search
  English  ▼

X  

DS32X35 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button DS32X35 Datasheet HTML 13Page - Maxim Integrated Products DS32X35 Datasheet HTML 14Page - Maxim Integrated Products DS32X35 Datasheet HTML 15Page - Maxim Integrated Products DS32X35 Datasheet HTML 16Page - Maxim Integrated Products DS32X35 Datasheet HTML 17Page - Maxim Integrated Products DS32X35 Datasheet HTML 18Page - Maxim Integrated Products DS32X35 Datasheet HTML 19Page - Maxim Integrated Products DS32X35 Datasheet HTML 20Page - Maxim Integrated Products DS32X35 Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
18
____________________________________________________________________
Accordingly, the following bus conditions have been
defined:
Bus not busy: Both data and clock lines remain
high.
Start data transfer: A change in the state of the
data line from high to low, while the clock line is high,
defines a START condition.
Stop data transfer: A change in the state of the data
line from low to high, while the clock line is high,
defines a STOP condition.
Data valid: The state of the data line represents
valid data when, after a START condition, the data
line is stable for the duration of the high period of the
clock signal. The data on the line must be changed
during the low period of the clock signal. There is
one clock pulse per bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number
of data bytes transferred between the START and
the STOP conditions is not limited, and is determined
by the master device. The information is transferred
byte-wise and each receiver acknowledges with a
ninth bit.
Acknowledge: Each receiving device, when
addressed, is obliged to generate an acknowledge
after the reception of each byte. The master device
must generate an extra clock pulse, which is associ-
ated with this acknowledge bit.
A device that acknowledges must pull down the SDA
line during the acknowledge clock pulse in such a
way that the SDA line is stable low during the high
period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into
account. A master must signal an end of data to the
slave by not generating an acknowledge bit on the
last byte that has been clocked out of the slave. In
this case, the slave must leave the data line high to
enable the master to generate the STOP condition.
Depending upon the state of the R/
W bit, two types of
data transfer are possible:
1) Data transfer from a master transmitter to a
slave receiver. The first byte transmitted by the
master is the slave address. Next follows a num-
ber of data bytes. The slave returns an acknowl-
edge bit after each received byte. Data is
transferred with the most significant bit (MSB) first.
2) Data transfer from a slave transmitter to a
master receiver. The first byte (the slave
address) is transmitted by the master. The slave
then returns an acknowledge bit. Next follows a
number of data bytes transmitted by the slave to
the master. The master returns an acknowledge
bit after all received bytes other than the last byte.
At the end of the last received byte, a not
acknowledge is returned.
The master device generates all the serial clock
pulses and the START and STOP conditions. A
transfer is ended with a STOP condition or with a
repeated START condition. Since a repeated
START condition is also the beginning of the next
serial transfer, the bus will not be released. Data
is transferred with the most significant bit (MSB)
first.
The DS32x35 can operate in the following two modes:
1) Slave receiver mode (DS32x35 write mode): Serial
data and clock are received through SDA and SCL.
After each byte is received an acknowledge bit is
transmitted. START and STOP conditions are recog-
nized as the beginning and end of a serial transfer.
Address recognition is performed by hardware after
reception of the slave address and direction bit (see
Figures 3, 5, and 7). The slave address byte is the
first byte received after the master generates the
START condition. The slave address byte contains
one of the 7-bit DS32x35 addresses. The slave
address is 1101000 for the RTC. For the DS32B35
FRAM, the first four bits are 1010, and the next three
bits select one of eight blocks of data (see Table 2).
For the DS32C35 FRAM, the first seven bits are
1010000. Each slave address is followed by the
direction bit (R/
W), which is zero for a write. After
receiving and decoding the slave address byte, the
device outputs an acknowledge on the SDA line.
After the device acknowledges the slave address
and write bit, the master transmits a register address
to the device. For the DS32C35, the master transmits
two bytes for the register address information. This
sets the register pointer on the device. After setting
the register address, the master then transmits zero
or more bytes of data with the DS32x35 acknowl-
edging each byte received. The master generates a
STOP condition to terminate the data write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com