Electronic Components Datasheet Search
  English  ▼

X  

DS32X35 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # DS32X35
Description  Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS32X35 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button DS32X35 Datasheet HTML 10Page - Maxim Integrated Products DS32X35 Datasheet HTML 11Page - Maxim Integrated Products DS32X35 Datasheet HTML 12Page - Maxim Integrated Products DS32X35 Datasheet HTML 13Page - Maxim Integrated Products DS32X35 Datasheet HTML 14Page - Maxim Integrated Products DS32X35 Datasheet HTML 15Page - Maxim Integrated Products DS32X35 Datasheet HTML 16Page - Maxim Integrated Products DS32X35 Datasheet HTML 17Page - Maxim Integrated Products DS32X35 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Accurate I2C RTC with Integrated
TCXO/Crystal/FRAM
14
____________________________________________________________________
Special-Purpose Registers
Control Register (0Eh)
Bit 7: Enable Oscillator (
EOSC). When set to logic 0,
the oscillator is started. When set to logic 1, the oscilla-
tor is stopped when the DS32x35 switches to VBAT.
This bit is clear (logic 0) when power is first applied.
When the DS32x35 is powered by VCC, the oscillator is
always on regardless of the status of the
EOSC bit.
Bit 6: Battery-Backed Square-Wave Enable
(BBSQW). When set to logic 1 and the DS32x35 is
being powered by the VBAT pin, this bit enables the
square-wave or interrupt output when VCC is absent.
When BBSQW is logic 0, the
INT/SQW pin goes high
impedance when VCC falls below the power-fail trip
point. This bit is disabled (logic 0) when power is first
applied.
Bit 5: Convert Temperature (CONV). When the
DS32x35 is in idle state, setting this bit to 1 forces the
temperature sensor to convert the temperature into dig-
ital code and execute the TCXO algorithm to update
the capacitance load for the oscillator. This can only
happen when a conversion is not already in progress.
The user should check the status bit BSY before forcing
the controller to start a new TCXO execution. A user-ini-
tiated temperature conversion does not affect the inter-
nal 64-second update cycle.
Bits 4 and 3: Rate Select (RS2 and RS1). These bits
control the frequency of the square-wave output when
the square wave has been enabled. Table 5 shows the
square-wave frequencies that can be selected with the
RS bits. These bits are both set to logic 1 (8.192kHz)
when power is first applied.
Bit 2: Interrupt Control (INTCN). This bit controls the
INT/SQW signal. When the INTCN bit is set to logic 0, a
square wave is output on the
INT/SQW pin. When the
INTCN bit is set to logic 1, then a match between the
timekeeping registers and either of the alarm registers
activates the
INT/SQW output (if the alarm is also
enabled). The corresponding alarm flag is always set
regardless of the state of the INTCN bit. The INTCN bit
is set to logic 1 when power is first applied.
Bit 1: Alarm 2 Interrupt Enable (A2IE). When set to
logic 1, this bit permits the alarm 2 flag (A2F) bit in the
status register to assert
INT/SQW (when INTCN = 1).
When the A2IE bit is set to logic 0 or INTCN is set to
logic 0, the A2F bit does not initiate an interrupt signal.
The A2IE bit is disabled (logic 0) when power is first
applied.
Bit 0: Alarm 1 Interrupt Enable (A1IE). When set to
logic 1, this bit permits the alarm 1 flag (A1F) bit in the
status register to assert
INT/SQW (when INTCN = 1).
When the A1IE bit is set to logic 0 or INTCN is set to
logic 0, the A1F bit does not initiate the
INT/SQW sig-
nal. The A1IE bit is disabled (logic 0) when power is
first applied.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
EOSC
BBSQW
CONV
RS2
RS1
INTCN
A2IE
A1IE
INTCN
RS2
RS1
INT/SQW
OUTPUT
INTCN
A2IE
A1IE
0
0
0
1Hz
0
X
X
0
0
1
1.024kHz
0
X
X
0
1
0
4.096kHz
0
X
X
0
1
1
8.192kHz
0
X
X
1X
X
A1F
10
1
1X
X
A2F
11
0
1
X
X
A2F + A1F
1
1
1
Table 5. Interrupt/Square-Wave Output
Control Register (0Eh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com