Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AD2 and AD0 to V+ or GND (shown in bold in Table 3).
These selections are guaranteed to be correct at
power-up, independent of SDA and SCL behavior. If
one of the other 12 address combinations is used, an
unexpected combination of pullups might be asserted
until the first I2C transmission (to any device, not neces-
sarily the MAX7323) is put on the bus.
I/O Port Inputs
I/O port inputs switch at the CMOS logic levels as
determined by the expander’s supply voltage, and are
overvoltage tolerant to +6V, independent of the
expander’s supply voltage.
I/O Port Input Transition Detection
All four I/O ports configured as inputs are monitored for
changes since the expander was last accessed
through the serial interface. The state of the I/O ports is
stored in an internal “snapshot” register for transition
monitoring. The snapshot is continuously compared
with the actual input conditions, and if a change is
detected for any port input, INT is asserted to signal a
state change. An internal transition flag is set for that
port. The input ports are sampled (internally latched
into the snapshot register) and the old transition flags
cleared during the I2C acknowledge of every MAX7323
read and write access. The previous port transition
flags are read through the serial interface as the sec-
ond byte of a 2-byte read sequence.
A long read sequence (more than 2 bytes) can be used
to poll the expander continuously without the overhead
of resending the slave address. If more than 2 bytes
are read from the expander, the expander repeatedly
returns the input port data, alternating with the transi-
tion flags. The inputs are repeatedly resampled and the
transition flags repeatedly reset for each pair of bytes
read. All changes that occur during a long read
sequence are detected and reported.
The INT output is not reasserted during a read
sequence to avoid recursive reentry into an interrupt
service routine. Instead, if a data change occurs that
would normally cause the INT output to be set, the INT
assertion is delayed until the STOP condition. INT is not
reasserted upon a STOP condition if the changed input
data is read before the STOP occurs. The INT logic
ensures that unnecessary interrupts are not asserted,
yet data changes are detected and reported no matter
when the change occurs.
Port Outputs
Write 1 byte to the MAX7323 to set the output port lev-
els for the four push-pull outputs, and the four open-
drain I/O ports simultaneously.
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
8
_______________________________________________________________________________________
PIN
CONNECTION
DEVICE ADDRESS
OUTPUTS POWER-UP DEFAULT
40k
Ω INPUT PULLUPS ENABLED
AD2
AD0
A6
A5
A4
A3
A2
A1
A0
O7
O6
P5
P4
P3
P2
O1
O0 O7 O6
P5
P4
P3
P2 O1 O0
SCL
GND
1
1000001
11
1
0
0
0
0
Y
Y
—
—
SCL
V+
1
1000011
11
1
1
1
1
1
Y
Y
Y
Y
SCL
SCL
1
1000101
11
1
1
1
1
1
Y
Y
Y
Y
SCL
SDA
1
1000111
11
1
1
1
1
1
Y
Y
Y
Y
SDA
GND
1
1001001
11
1
0
0
0
0
Y
Y
—
—
SDA
V+
1
1001011
11
1
1
1
1
1
Y
Y
Y
Y
SDA
SCL
1
1001101
11
1
1
1
1
1
Y
Y
Y
Y
SDA
SDA
1
1001111
11
1
1
1
1
1
Y
Y
Y
Y
GND
GND
1
1010000
00
0
0
0
0
0
—
—
—
—
GND
V+
1
1010010
00
0
1
1
1
1
—
—
Y
Y
GND
SCL
1
1010100
00
0
1
1
1
1
—
—
Y
Y
GND
SDA
1
1010110
00
0
1
1
1
1
—
—
Y
Y
V+
GND
1
1011001
11
1
0
0
0
0
Y
Y
—
—
V+
V+
1
1011011
11
1
1
1
1
1
Y
Y
Y
Y
V+
SCL
1
1011101
11
1
1
1
1
1
Y
Y
Y
Y
V+
SDA
1
1011111
11
1
1
1
1
1
Y
YYY
Table 3. MAX7323 Address Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com