Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX7323 2-wire serial-interfaced peripheral fea-
tures eight I/O ports. Four ports are push-pull outputs
and the other four are open-drain I/O ports, indepen-
dent of supply voltage.
The four I/O ports configured as inputs are continu-
ously monitored for state changes (transition detec-
tion). State changes are indicated by the open-drain
INT output. The interrupt is latched, allowing detection
of transient changes. When the MAX7323 is subse-
quently accessed through the serial interface, any
pending interrupt is cleared.
The four push-pull and four open-drain outputs are
rated to sink 20mA and are capable of driving LEDs.
The RST input clears the serial interface, terminating
any I2C communication to or from the MAX7323.
The MAX7323 uses two address inputs with four-level
logic to allow 16 I2C slave addresses. The slave
address also determines the power-up logic state for
the I/O ports, and enables or disables internal 40k
Ω
pullups for the input ports in groups of two ports.
The MAX7323 is one device in a family of pin-compatible
port expanders with a choice of input ports, open-drain
I/O ports, and push-pull output ports (see Table 1).
The MAX7323 is available in 16-pin QSOP and 16-pin
TQFN packages, and is specified over the automotive
temperature range (-40°C to +125°C).
Features
♦ 400kHz I2C Serial Interface
♦ +1.71V to +5.5V Operating Voltage
♦ 4 Push-Pull Output Ports Rated at 20mA Sink
Current
♦ 4 Open-Drain I/O Ports Rated to 20mA Sink Current
♦ 4 I/O Ports Are Overvoltage Protected to +6V
♦ Transient Changes Are Latched, Allowing Detection
Between Read Operations
♦ INT Output Alerts Change on Inputs
♦ AD0 and AD2 Inputs Select from 16 Slave
Addresses
♦ Low 0.6µA (typ) Standby Current
♦ -40°C to +125°C Operating Temperature Range
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
________________________________________________________________ Maxim Integrated Products
1
19-3806; Rev 1; 7/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
PKG
CODE
MAX7323AEE+
-40°C to
+125°C
16 QSOP
—
E16-4
MAX7323ATE+
-40°C to
+125°C
16 TQFN-EP*
3mm x 3mm
ADE
T1633-4
Pin Configurations and Functional Diagram appear at end
of data sheet.
Selector Guide
PART
INPUTS
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-PULL
OUTPUTS
MAX7319
8
Yes
—
—
MAX7320
——
—
8
MAX7321
Up to 8
—
Up to 8
—
MAX7322
4
Yes
—
4
MAX7323
Up to 4
—
Up to 4
4
MAX7328
Up to 8
—
Up to 8
—
MAX7329
Up to 8
—
Up to 8
—
+Denotes a lead-free package.
*EP = Exposed paddle.
Cell Phones
SAN/NAS
Servers
Notebooks
RAID
Automotive
Applications
MAX7323
P2
O7
O6
P5
P4
V+
0.047
μF
μC
SCL
SDA
SCL
AD0
O1
O0
SDA
P3
AD2
INT
OUTPUT
OUTPUT
RST
INT
RST
I/O
I/O
I/O
I/O
OUTPUT
OUTPUT
3.3V
GND
Typical Application Circuit


Similar Part No. - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7321 MAXIM-MAX7321 Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321 MAXIM-MAX7321 Datasheet
214Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7321AAP MAXIM-MAX7321AAP Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321AEE MAXIM-MAX7321AEE Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
MAX7321ASE MAXIM-MAX7321ASE Datasheet
664Kb / 17P
I2C Port Expander with 8 Open-Drain I/Os
Rev 0; 7/05
More results

Similar Description - MAX7321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7327 MAXIM-MAX7327 Datasheet
1Mb / 21P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
Rev 0; 8/06
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7322 MAXIM-MAX7322 Datasheet
215Kb / 18P
I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 1; 9/06
MAX7320 MAXIM-MAX7320 Datasheet
214Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7322 MAXIM-MAX7322_14 Datasheet
1,020Kb / 16P
I2C Port Expander with 4 Push-Pull Outputs and 4 Inputs
Rev 2; 5/14
MAX7324 MAXIM-MAX7324_14 Datasheet
979Kb / 18P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 1; 5/14
MAX7323 MAXIM-MAX7323_V01 Datasheet
1,006Kb / 15P
I2C Port Expander with 4 Push-Pull Outputs and 4 Open-Drain I/Os
19-3806; Rev 2; 5/14
MAX7326 MAXIM-MAX7326 Datasheet
966Kb / 18P
I 2C Port Expander with 12 Push-Pull Outputs and 4 Inputs
19-3804; Rev 1; 5/14
MAX7327 MAXIM-MAX7327_V01 Datasheet
971Kb / 17P
I2C Port Expander with 12 Push-Pull Outputs and 4 Open-Drain I/Os
19-3805; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com