Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX7321 Datasheet HTML 9Page - Maxim Integrated Products MAX7321 Datasheet HTML 10Page - Maxim Integrated Products MAX7321 Datasheet HTML 11Page - Maxim Integrated Products MAX7321 Datasheet HTML 12Page - Maxim Integrated Products MAX7321 Datasheet HTML 13Page - Maxim Integrated Products MAX7321 Datasheet HTML 14Page - Maxim Integrated Products MAX7321 Datasheet HTML 15Page - Maxim Integrated Products MAX7321 Datasheet HTML 16Page - Maxim Integrated Products MAX7321 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Driving Load Currents Higher than 20mA
The MAX7323 can be used to drive loads, such as
relays, that draw more than 20mA by paralleling out-
puts. Use at least one output per 20mA of load current;
for example, a 5V, 330mW relay draws 66mA, and
therefore, requires four paralleled outputs. Any combi-
nation of outputs can be used as part of a load-sharing
design because any combination of ports can be set or
cleared at the same time by writing to the MAX7323. Do
not exceed a total sink current of 100mA for the device.
The MAX7323 must be protected from the negative volt-
age transient generated when switching off inductive
loads (such as relays), by connecting a reverse-biased
diode across the inductive load. Choose the peak cur-
rent for the diode to be greater than the inductive load’s
operating current.
Power-Supply Considerations
The MAX7323 operates with a supply voltage of +1.71V
to +5.5V over the -40°C to +125°C temperature range.
Bypass the supply to GND with a ceramic capacitor of
at least 0.047µF as close as possible to the device. For
the TQFN version, additionally connect the exposed
paddle to GND.
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
14
______________________________________________________________________________________
15
16
14
13
5
6
7
8
13
V+
4
12
10
9
AD0
RST
P5
P4
GND
P3
MAX7323
2
11
SDA
TQFN
TOP VIEW
*EP
*EXPOSED PADDLE, CONNECTED TO GND
+
+
Pin Configurations
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD0
V+
SDA
SCL
INT
O7
O6
P5
P4
MAX7323
QSOP
RST
AD2
P2
O0
O1
P3
GND
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com