Electronic Components Datasheet Search
  English  ▼

X  

MAX7321 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7321
Description  I2C Port Expander with 4 Push-Pull Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7321 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7321 Datasheet HTML 1Page - Maxim Integrated Products MAX7321 Datasheet HTML 2Page - Maxim Integrated Products MAX7321 Datasheet HTML 3Page - Maxim Integrated Products MAX7321 Datasheet HTML 4Page - Maxim Integrated Products MAX7321 Datasheet HTML 5Page - Maxim Integrated Products MAX7321 Datasheet HTML 6Page - Maxim Integrated Products MAX7321 Datasheet HTML 7Page - Maxim Integrated Products MAX7321 Datasheet HTML 8Page - Maxim Integrated Products MAX7321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Detailed Description
MAX7319–MAX7329 Family Comparison
The MAX7319–MAX7323 family consists of five pin-
compatible, eight-port expanders. Each version is opti-
mized for different applications. The MAX7328 and
MAX7329 are industry-standard parts.
The MAX7324–MAX7327 family consists of four pin-
compatible, 16-port expanders that integrate the func-
tions of the MAX7320 and one of either the MAX7319,
MAX7321, MAX7322, or MAX7323.
Functional Overview
The MAX7323 is a general-purpose port expander, oper-
ating from a +1.71V to +5.5V supply, that provides four
push-pull output ports with 20mA sink, 10mA source drive
capability, and four open-drain I/O ports with a 20mA sink
capability. The four open-drain outputs are overvoltage
protected to +6V independent of supply voltage.
The MAX7323 is set to one of 16 I2C slave addresses
(0x60 to 0x6F) using the address select inputs AD0 and
AD2, and is accessed over an I2C serial interface up to
400kHz. The RST input clears the serial interface in
case of a bus lockup, terminating any serial transaction
to or from the MAX7323.
I2C Port Expander with 4 Push-Pull Outputs
and 4 Open-Drain I/Os
_______________________________________________________________________________________
5
PART
I2C
SLAVE
ADDRESS
INPUTS
INPUT
INTERRUPT
MASK
OPEN-
DRAIN
OUTPUTS
PUSH-
PULL
OUTPUTS
APPLICATION
8-PORT EXPANDERS
MAX7319
110xxxx
8
Yes
—
—
Input-only versions:
8 input ports with programmable latching transition
detection interrupt and selectable pullups.
Offers maximum versatility for automatic input
monitoring. An interrupt mask selects which inputs
cause an interrupt on transitions, and transition flags
identify which inputs have changed (even
momentarily) since the ports were last read.
MAX7320
101xxxx
——
—
8
Output-only versions:
8 push-pull outputs with selectable power-up default
levels.
Push-pull outputs offer faster rise time than open-
drain outputs, and require no pullup resistors.
MAX7321
110xxxx
Up to 8
—
Up to 8
—
I/O versions:
8 open-drain I/O ports with latching transition
detection interrupt and selectable pullups.
Open-drain outputs can level shift the logic-high
state to a higher or lower voltage than V+ using
external pullup resistors. Any port can be used as an
input by setting the open-drain output to logic-high.
Transition flags identify which inputs have changed
(even momentarily) since the ports were last read.
MAX7322
110xxxx
4
Yes
—
4
4 input-only, 4 output-only versions:
4 input ports with programmable latching transition
detection interrupt and selectable pullups;
4 push-pull outputs with selectable power-up default
levels.
Table 1. MAX7319–MAX7329 Family Comparison



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com