Electronic Components Datasheet Search
  English  ▼

X  

TCA-N Datasheet(PDF) 2 Page - TEKTRONIX, INC.

Part # TCA-N
Description  TekConnect™ Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TCA-N Datasheet(HTML) 2 Page - TEKTRONIX, INC.

  TCA-N Datasheet HTML 1Page - TEKTRONIX, INC. TCA-N Datasheet HTML 2Page - TEKTRONIX, INC. TCA-N Datasheet HTML 3Page - TEKTRONIX, INC. TCA-N Datasheet HTML 4Page - TEKTRONIX, INC. TCA-N Datasheet HTML 5Page - TEKTRONIX, INC. TCA-N Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TekConnect interface delivers superior signal
fidelity, unparalleled versatility, and ease of
use
The TekConnect interface ensures superior signal fidelity with useful
bandpass up to 33 GHz, while offering unparalleled versatility with the
world’s widest array of accessory signal acquisition solutions for high-
performance, real-time oscilloscopes. This interface delivers a robust
oscilloscope interface with multi-GHz analog bandwidths. The TekConnect
interface preserves a low Voltage Standing Wave Ratio (VSWR) 50 Ω
environment as well as a reliable electrical connection. A convenient, one-
button release and locking mechanism provides quick, easy installation and
removal of probes, amplifiers, and adapters.
TCA75 Adapter (75 to 50 Ω)
The TCA75 adapter allows Tektronix oscilloscopes with a TekConnect
interface to easily access and measure 75 Ω terminated circuitry. The
TCA75 attenuation factor is automatically corrected to provide the end user
with correctly displayed signal magnitudes.
TCA-BNC Adapter (50 Ω only)
A direct 50 Ω input with TekProbe BNC 50 Ω capability, this adapter may
be used as a direct 50 Ω BNC input or with Tektronix high-speed active and
differential probes requiring the TekProbe BNC 50 Ω interface.
TCA-SMA and TCA-N Adapters (50 Ω only)
The high-speed SMA- and N-type adapters allow a more direct connection
to the signal under test requiring N or SMA connections without losing
performance by adding other external conversion adapters.
TCA-292D and TCA-292MM Adapters (50 Ω
only)
These high-speed 2.92 mm-type adapters allow a more direct connection to
the signal under test requiring a 2.92 mm connection without losing
performance by adding other external conversion adapters. The locking
screw must be used to ensure full bandwidth performance. The 2.92 mm
connector is more robust and performs at higher frequencies than an SMA
connector. The 2.92 mm connector is compatible with SMA connectors, but
the electrical performance will be limited to the bandwidth of the SMA
connector.
TCA-1MEG High-impedance Buffer Amplifier
The TCA-1MEG high-impedance buffer amplifier system extends the
capabilities of Tektronix high-performance oscilloscopes, making them ideal
for a variety of general-purpose measurements. The TCA-1MEG amplifier
system provides a 1 MΩ path that is easily removed and replaced with a
wide array of TekConnect probes, amplifiers, and adapters.
TekConnect® Amplifier, Adapters, and Probes Compatibility
Oscilloscope 1
TekConnect Amplifiers, Adapters, and Probes
Accessory type
DPO/DSA/MSO TekConnect
Series (4-33 GHz)
TCA-1MEG High-
impedance Buffer
Amplifier (P6139B
Probe included)
TCA-BNC
Adapter 2
TCA-292MM
Adapter 3
TCA292D
Adapter 4
TCA-N Adapter
TCA75 Adapter
Instrument input connection
TekConnect interface
TekProbe BNC
1 MΩ-to-
TekConnect
interface
TekProbe BNC
50 Ω-to-
TekConnect
interface
292 mm-to-
TekConnect
interface
N-to-TekConnect
interface
75-to-50 Ω
TekConnect
adapter
Instrument input impedance
TekConnect interface probes,
amplifier, and adapter dependent
1 MΩ / 10 pF
50 Ω
50 Ω
50 Ω
50 Ω
Passive voltage probes
1X
P6101B w/ TCA-1MEG
P6101B
NA
NA
NA
NA
10X
P6139B w/ TCA-1MEG
P6139B
NA
NA
NA
NA
50 Ω divider voltage probes
P6150 w/ TCA-292MM
P6158 w/ TCA-BNC
NA
P6158
P6150
NA
NA
Active voltage probes
General
P6245 w/ TCA-BNC
P6243 w/ TCA-BNC
NA
P6245, P6243
NA
NA
NA
1
Firmware version 6.x or greater required for all referenced oscilloscopes.
2
The TCA-BNC Adapter is a standard accessory with MSO/DPO 70000C/DX series oscilloscopes.
3
The TCA-292MM Adapter is a standard accessory with MSO/DPO 70000C series oscilloscopes.
4
The TCA-292D Adapter is a standard accessory with MSO/DPO 70000DX series oscilloscopes.
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com