Electronic Components Datasheet Search
  English  ▼

X  

TCA-N Datasheet(PDF) 4 Page - TEKTRONIX, INC.

Part # TCA-N
Description  TekConnect™ Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TCA-N Datasheet(HTML) 4 Page - TEKTRONIX, INC.

  TCA-N Datasheet HTML 1Page - TEKTRONIX, INC. TCA-N Datasheet HTML 2Page - TEKTRONIX, INC. TCA-N Datasheet HTML 3Page - TEKTRONIX, INC. TCA-N Datasheet HTML 4Page - TEKTRONIX, INC. TCA-N Datasheet HTML 5Page - TEKTRONIX, INC. TCA-N Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications
All specifications apply to all models unless noted otherwise.
Model specification
TCA75
TCA-BNC
TCA-SMA
TCA-N
TCA-292MM
TCA-292D
Attenuation accuracy at DC
2.46X ±1.5%
Refer to host instrument specification
Input resistance at DC
75 Ω ±1.5%
50 Ω
50 Ω
50 Ω
50 Ω
50 Ω
Typical
Bandwidth (–3 dB, maximum
frequency, limited by host instrument)
DC to 8 GHz
DC to 4 GHz
DC to 18 GHz
DC to 11 GHz
DC to 25 GHz
DC to 33 GHz
Propagation delay (input-to-output)
<200 ps
<185 ps
<185 ps
RMS noise
Refer to host instrument specification
VSWR (return loss)
Refer to host instrument specification
RF insertion loss (adapter only)
6.05 dB
0.25 dB max
0.06×SQRT (F)
(GHz)
0.3 dB max
0.04×SQRT (F)
(GHz)
0.04×SQRT (F)
(GHz)
Rise time (minimum rise time), limited
by host instrument
<50 ps 5
≤100 ps
≤22 ps
≤36 ps
≤16 ps
≤13 ps
Maximum input voltage (derated with
frequency)
≤12 V DC or
≤12 VRMS (2 W max)
Refer to host instrument specification
Nominal
Inputs
1 (BNC 75 Ω)
1 (TekProbe BNC
50 Ω)
1 (SMA 50 Ω)
1 (N 50 Ω)
1 (2.92 mm 50 Ω)
1 (2.92 mm 50 Ω)
Adapter model compatibility
Refer to TekConnect amplifier, adapters, and probes compatibility table
Warranty
1 year
5
Calculated small signal tr = 0.4/F3 dB
Datasheet
4 www.tektronix.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com