Electronic Components Datasheet Search
  English  ▼

X  

TCA-N Datasheet(PDF) 1 Page - TEKTRONIX, INC.

Part # TCA-N
Description  TekConnect™ Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TCA-N Datasheet(HTML) 1 Page - TEKTRONIX, INC.

  TCA-N Datasheet HTML 1Page - TEKTRONIX, INC. TCA-N Datasheet HTML 2Page - TEKTRONIX, INC. TCA-N Datasheet HTML 3Page - TEKTRONIX, INC. TCA-N Datasheet HTML 4Page - TEKTRONIX, INC. TCA-N Datasheet HTML 5Page - TEKTRONIX, INC. TCA-N Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TekConnect™ Adapters
TCA75 • TCA-BNC • TCA-SMA • TCA-N • TCA-292MM • TCA292D
Datasheet
TekConnect TCA Series Adapters expand the functionality of Tektronix
high-performance oscilloscopes. This family of adapter systems provide
better performance and less signal distortion than traditional connections
used to move a signal from one environment to another, such as BNC to N
or BNC to SMA.
Key performance specifications
TCA-BNC – TekConnect-to-75 Ω BNC
DC to ≥8 GHz (instrument dependent)
VSWR – 1.1:1 (26.45 dB)
75 Ω input
Auto Attenuation Factor Correction
TCA-BNC – TekConnect-to-TekProbe™ BNC 50 Ω
DC to ≥4 GHz (instrument dependent)
50 Ω input (only)
For control of TekProbe BNC (50 Ω) probes
TCA-N – TekConnect-to-N
DC to ≥11 GHz (instrument dependent)
50 Ω input (only)
TCA-SMA – TekConnect-to-SMA
DC to ≥18 GHz (instrument dependent)
50 Ω input (only)
TCA-292MM – TekConnect-to-2.92 mm
DC to ≥25 GHz (instrument dependent)
50 Ω input (only)
SMA compatible
TCA-292D – TekConnect-to-2.92 mm
DC to ≥33 GHz (instrument dependent)
50 Ω input (only)
SMA compatible
Applications
Signal integrity, jitter, and timing analysis
Verification, characterization, and debug of sophisticated designs
High-speed digital devices and circuits
Power supplies/inverters
Semiconductor devices
Electronic ballasts
Industrial/consumer electronics
Mobile communications
Motor drives
Transportation systems
Disk drive analysis
Investigation of transient phenomena
Spectral analysis
Video design and development
HDTV and streaming digital video
www.tektronix.com 1


Similar Part No. - TCA-N

ManufacturerPart #DatasheetDescription
logo
Sealevel Systems, Inc.
TCA-N2800 SEALEVEL-TCA-N2800 Datasheet
383Kb / 2P
COM Express Module, Type 6, 1.8GHz Intel Atom N2800
More results

Similar Description - TCA-N

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
SPU45E TRUMPOWER-SPU45E Datasheet
58Kb / 1P
Desktop Adapters
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
Adapters
M28840-23JW GLENAIR-M28840-23JW Datasheet
72Kb / 1P
EMI Adapters
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
Adapters/Extenders
logo
Molex Electronics Ltd.
106004 MOLEX10-106004 Datasheet
175Kb / 1P
Bezel Adapters
logo
Balluff Korea Ltd.
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
Adapters
0.54_2022-07-16
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
Adapters
0.58_2022-07-11
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
Adapters
0.61_2022-07-11
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
Adapters
0.54_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
Adapters
0.62_2022-07-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com