Electronic Components Datasheet Search
  English  ▼

X  

TCA-N Datasheet(PDF) 3 Page - TEKTRONIX, INC.

Part # TCA-N
Description  TekConnect™ Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TCA-N Datasheet(HTML) 3 Page - TEKTRONIX, INC.

  TCA-N Datasheet HTML 1Page - TEKTRONIX, INC. TCA-N Datasheet HTML 2Page - TEKTRONIX, INC. TCA-N Datasheet HTML 3Page - TEKTRONIX, INC. TCA-N Datasheet HTML 4Page - TEKTRONIX, INC. TCA-N Datasheet HTML 5Page - TEKTRONIX, INC. TCA-N Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilloscope 1
TekConnect Amplifiers, Adapters, and Probes
Accessory type
DPO/DSA/MSO TekConnect
Series (4-33 GHz)
TCA-1MEG High-
impedance Buffer
Amplifier (P6139B
Probe included)
TCA-BNC
Adapter 2
TCA-292MM
Adapter 3
TCA292D
Adapter 4
TCA-N Adapter
TCA75 Adapter
>2 GHz
P6249 w/ TCA-BNC
P6241 w/ TCA-BNC
NA
NA
NA
NA
NA
Differential voltage probes
>2 GHz
P7500 Series
P7300 Series
NA
P6330
NA
NA
NA
<1.8 GHz
<8 V Logic
P6248 w/ TCA-BNC
P6247 w/ TCA-BNC
P6246 w/ TCA-BNC
NA
P6248, P6247,
P6246
NA
NA
NA
Micro-volt
ADA400A w/ TCA-1MEG
ADA400A
NA
NA
NA
NA
High-voltage probes
Differential
P5205A w/ TCA-1MEG
P5210A w/ TCA-1MEG
P5205A
P5210A
NA
NA
NA
NA
Single-ended
P5100A w/ TCA-1MEG
P6015A w/ TCA-1MEG
P5100A
NA
NA
NA
NA
Current probes
AC/DC <15 A
TCP2020 w/ TCA-1MEG
TCP2020
NA
NA
NA
AC/DC 5 mA to 20 A
TCPA300, TCPA400 w/ TCA-
BNC or TCA-1MEG
TCPA300,
TCPA400
TCPA300,
TCPA400
NA
NA
NA
AC high-frequency
CT6 w/ TCA-BNC
CT2 w/ TCA-BNC
CT1 w/ TCA-BNC
NA
CT6 CT2, CT1
NA
NA
O/E converter probes
P6701B w/ TCA-BNC
P6703B w/ TCA-BNC
NA
P6701B, P6703B
NA
NA
Please refer to the individual probe data sheets for more information about probes.
1
Firmware version 6.x or greater required for all referenced oscilloscopes.
2
The TCA-BNC Adapter is a standard accessory with MSO/DPO 70000C/DX series oscilloscopes.
3
The TCA-292MM Adapter is a standard accessory with MSO/DPO 70000C series oscilloscopes.
4
The TCA-292D Adapter is a standard accessory with MSO/DPO 70000DX series oscilloscopes.
TekConnect™ Adapters
www.tektronix.com 3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com