Electronic Components Datasheet Search
  English  ▼

X  

TCA-N Datasheet(PDF) 5 Page - TEKTRONIX, INC.

Part # TCA-N
Description  TekConnect™ Adapters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

TCA-N Datasheet(HTML) 5 Page - TEKTRONIX, INC.

  TCA-N Datasheet HTML 1Page - TEKTRONIX, INC. TCA-N Datasheet HTML 2Page - TEKTRONIX, INC. TCA-N Datasheet HTML 3Page - TEKTRONIX, INC. TCA-N Datasheet HTML 4Page - TEKTRONIX, INC. TCA-N Datasheet HTML 5Page - TEKTRONIX, INC. TCA-N Datasheet HTML 6Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering information
Models
TCA75
TekConnect-to-75 Ω Adapter
TCA-BNC
TekConnect-to-BNC Adapter
TCA-SMA
TekConnect-to-SMA Adapter
TCA-292MM
TekConnect-to-2.92 mm Adapter (≥25 GHz)
TCA-292D
TekConnect-to-2.92 mm Adapter (≥33 GHz)
TCA-N
TekConnect-to-N Adapter
All include: Instruction manual and Certificate of Compliance.
Recommended accessories
Passive voltage probes
P6150
9 GHz, 1X/10X, 50 Ω divider probe (use with TCA-SMA)
P6158
3 GHz, 20X, 50 Ω divider probe (use with TCA-BNC)
High-speed active voltage probes
P6205
750 MHz, 10X, <2 pF / 10 MΩ (use with TCA-BNC)
P6243
1 GHz, 10X, <1 pF / 1MΩ (use with TCA-BNC)
P6245
1.5 GHz, 10X, <1 pF / 1 MΩ (use with TCA-BNC)
High-speed active differential voltage probes
P6247
1 GHz, 1X/10X, <1 pF / 200 kΩ differential (use with TCA-BNC)
P6248
1.5 GHz, 1X/10X, <1 pF / 200 kΩ differential (use with TCA-BNC)
P6330
3.5 GHz, 1X/10X, <1 pF / 200 kΩ differential (use with TCA-BNC)
Current measurement tools
TCP202A
AC/DC, 20 A, TekProbe™ interconnect current probe (use with TCA-BNC)
CT-1
1 GHz, AC current transformer (use with TCA-BNC)
CT-2
200 MHz, AC current transformer (use with TCA-BNC)
CT-6
2 GHz, AC current transformer (use with TCA-BNC)
Cables and terminations
012-0057-01
50 Ω BNC-to-BNC coaxial cable (use with TCA-BNC)
012-0482-00
50 Ω BNC-to-BNC coaxial cable, precision 1%, male-to-male (use with TCA-BNC)
011-0049-02
50 Ω feed-through termination (use with TCA-BNC)
TekConnect™ Adapters
www.tektronix.com 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com