Electronic Components Datasheet Search
  English  ▼

X  

PCF8534H Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 20Page - NXP Semiconductors PCF8534H Datasheet HTML 21Page - NXP Semiconductors PCF8534H Datasheet HTML 22Page - NXP Semiconductors PCF8534H Datasheet HTML 23Page - NXP Semiconductors PCF8534H Datasheet HTML 24Page - NXP Semiconductors PCF8534H Datasheet HTML 25Page - NXP Semiconductors PCF8534H Datasheet HTML 26Page - NXP Semiconductors PCF8534H Datasheet HTML 27Page - NXP Semiconductors PCF8534H Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
24 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
[1]
Normal blinking is assumed when the multiplex rates 1:3 or 1:4 are selected.
7.10 Display controller
The display controller executes the commands identified by the command decoder. It
contains the status registers of the PCF8534 and co-ordinates their effects.
The controller is also responsible for loading display data into the display RAM as required
by the filling order.
7.11 Cascaded operation
In large display configurations, up to 16 PCF8534’s can be distinguished on the same
I2C-bus by using the 3-bit hardware subaddress (A0, A1 and A2) and the programmable
I2C-bus slave address (SA0). When cascaded PCF8534’s are synchronized they can
share the backplane signals from one of the devices in the cascade. Such an
arrangement is cost-effective in large LCD applications since the backplane outputs of
Table 12.
Load data pointer option 1
Description
Bits
7 bit ordinary value of 0 to 59
P6
P5
P4
P3
P2
P1
P0
Table 13.
Device selected option 1
Description
Bits
3 bit binary value of 0 to 7
A2
A1
A0
Table 14.
Blank select option 1 (input)
Static
1:2 MUX
Bit I
RAM bit 0
RAM bits 0 and 1
0
RAM bit 2
RAM bits 2 and 3
1
Table 15.
Blank select option 2 (output)
Static
1:2 MUX
Bit O
RAM bit 0
RAM bits 0 and 1
0
RAM bit 2
RAM bits 2 and 3
1
Table 16.
Blink option 1
Blink frequency
Bits
BF1
BF0
off
0
0
2 Hz
0
1
1 Hz
1
0
1.5 Hz
1
1
Table 17.
Blink option 2
Blink mode
Bit A
normal blinking
0
[1]
alteration blinking
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com