Electronic Components Datasheet Search
  English  ▼

X  

PCF8534H Datasheet(PDF) 32 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 28Page - NXP Semiconductors PCF8534H Datasheet HTML 29Page - NXP Semiconductors PCF8534H Datasheet HTML 30Page - NXP Semiconductors PCF8534H Datasheet HTML 31Page - NXP Semiconductors PCF8534H Datasheet HTML 32Page - NXP Semiconductors PCF8534H Datasheet HTML 33Page - NXP Semiconductors PCF8534H Datasheet HTML 34Page - NXP Semiconductors PCF8534H Datasheet HTML 35Page - NXP Semiconductors PCF8534H Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
32 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
11. Package outline
Fig 22. Package outline LQFP80
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.6
0.16
0.04
1.5
1.3
0.25
0.27
0.13
0.18
0.12
12.1
11.9
0.5
14.15
13.85
1.45
1.05
7
0
o
o
0.15
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.30
SOT315-1
136E15
MS-026
00-01-19
03-02-25
D(1)
(1)
(1)
12.1
11.9
HD
14.15
13.85
E
Z
1.45
1.05
D
bp
e
θ
E
A1
A
L p
detail X
L
(A )
3
B
20
c
D
H
b p
E
H
A2
v M B
D
Z D
A
Z E
e
v M A
X
1
80
61
60
41
40
21
y
pin 1 index
w M
w M
0
5
10 mm
scale
LQFP80: plastic low profile quad flat package; 80 leads; body 12 x 12 x 1.4 mm
SOT315-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com