Electronic Components Datasheet Search
  English  ▼

X  

PCF8534H Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 24Page - NXP Semiconductors PCF8534H Datasheet HTML 25Page - NXP Semiconductors PCF8534H Datasheet HTML 26Page - NXP Semiconductors PCF8534H Datasheet HTML 27Page - NXP Semiconductors PCF8534H Datasheet HTML 28Page - NXP Semiconductors PCF8534H Datasheet HTML 29Page - NXP Semiconductors PCF8534H Datasheet HTML 30Page - NXP Semiconductors PCF8534H Datasheet HTML 31Page - NXP Semiconductors PCF8534H Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
28 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
8.
Limiting values
8.1 ESD values
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 2000 V CDM per JESD22-C101.
• Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA.
9.
Static characteristics
Table 19.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VLCD
LCD supply voltage
VSS
− 0.5
+7.5
V
ILCD
LCD supply current
−50
+50
mA
ISS
negative supply current
−50
+50
mA
VI(n)
input voltage on pads SDA,
SCL, CLK, SYNC, SA0, OSC
and A0 to A2
VSS
− 0.5
VDD + 0.5
V
VO(n)
output voltage on pads s= to
S59 and BP0 to BP3
VSS
− 0.5
VLCD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
PTOT
total power dissipation
-
400
mW
P / out
power dissipation per output
-
100
mW
TSTG
storage temperature
−65
+150
°C
Table 20.
Static characteristics
VDD = 1.8 to 5.5 V; VSS = 0 V; VLCD = 2.5 to 6.5 V; TAMB =
−40 to +85°C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
2.5
-
6.5
μA
IDD
supply current
fCLK = 1536 Hz
[1] -8
20
μA
ILCD
LCD supply current
fCLK = 1536 Hz
[1] -24
60
μA
Logic
VIL
Low-level input
voltage
VSS
-
0.3 VDD
V
VIH
High-level input
voltage
0.7 VDD
-VDD
V
IOL1
Low-level output
current on pads CLK
and SYNC
VOL = 0.4 V; VDD = 5 V
1
-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com