Electronic Components Datasheet Search
  English  ▼

X  

PCF8534H Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8534H
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8534H Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8534H Datasheet HTML 25Page - NXP Semiconductors PCF8534H Datasheet HTML 26Page - NXP Semiconductors PCF8534H Datasheet HTML 27Page - NXP Semiconductors PCF8534H Datasheet HTML 28Page - NXP Semiconductors PCF8534H Datasheet HTML 29Page - NXP Semiconductors PCF8534H Datasheet HTML 30Page - NXP Semiconductors PCF8534H Datasheet HTML 31Page - NXP Semiconductors PCF8534H Datasheet HTML 32Page - NXP Semiconductors PCF8534H Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
PCF8534_0
© NXP B.V. 2007. All rights reserved.
Preliminary datasheet
Rev. 00.05 — 20 February 2007
29 of 40
NXP Semiconductors
PCF8534
Universal LCD driver for low multiplex rates
[1]
LCD outputs are open circuit; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive.
[2]
Not tested, design spec only.
[3]
Outputs measured individually and sequentially.
10. Dynamic characteristics
IOH1
High-level output
current pad CLK
VOH = 4.6 V; VDD = 5 v
−1-
-
mA
IOL2
Low-level output
current pad SDA
VOL = 0.4 V; VDD = 5 V
3
-
-
mA
IL1
leakage current pads
SA0, A0 to A2, CLK,
SDA and SCL
V1 = VDD or VSS
−1-
+1
μA
IL2
leakage current pad
OSC
V1 = VDD
−1-
+1
μA
C1
input capacitance
[2] --7
pF
VPOR
power on reset
voltage level
1.01.3
1.6V
LCD outputs
VBP
DC voltage
component on pads
BP0 to BP3
CBP = 35 nF
−100
-
+100
mV
VS
DC voltage
component on pads
S0 to S59
CS = 5 nF
−100
-
+100
mV
RBP
output resistance at
pads BP0 to BP3
VLCD = 5 V
[3] -1.5
10
k
Ω
RS
output resistance at
pads S0 to S59
VLCD = 5 V
[3] -6.0
13.5
k
Ω
Table 20.
Static characteristics
VDD = 1.8 to 5.5 V; VSS = 0 V; VLCD = 2.5 to 6.5 V; TAMB =
−40 to +85°C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 21.
Dynamic characteristics
VDD = 1.8 to 5.5 V; VSS = 0 V; VLCD = 2.5 to 6.5 V; TAMB =
−40 to +85°C; unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCLK(int)
oscillator frequency on pad CLK (internal clock)
VDD = 5 V
[1] 960
1536
3046
Hz
fCLK(ext)
oscillator frequency on pad CLK (external clock)
VDD = 5 V
797
1536
3046
Hz
tCLKH
input CLK HIGH time
130
-
-
μs
tCLKL
input CLK LOW time
130
-
-
μs
tr
CLK rise time
---ns
tf
CLK fall time
---ns
td(p)SYNC
SYNC propagation delay time
-
30
-
ns
tSYNCL
SYNC LOW time
1
-
-
μs
td(PLCD)
driver delays with test loads
VLCD = 5 V
--30
μs
Timing characteristic: I2C bus
[2]
fSCL
SCL clock frequency
-
-
400
kHz
tBUF
bus free time between a stop and a start
1.3
-
-
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com