| Electronic Components Datasheet Search |
|
PCF8534H Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8534H Datasheet(HTML) 25 Page - NXP Semiconductors |
|
25 / 40 page ![]() PCF8534_0 © NXP B.V. 2007. All rights reserved. Preliminary datasheet Rev. 00.05 — 20 February 2007 25 of 40 NXP Semiconductors PCF8534 Universal LCD driver for low multiplex rates only one device need to be through-plated to the backplane electrodes of the display. The other PCF8534’s of the cascade contribute additional segment outputs but their backplane outputs are left open-circuit (see Figure 17). The SYNC line is provided to maintain the correct synchronization between all cascaded PCF8534’s. This synchronization is guaranteed after the power-on reset. The only time that SYNC is likely to be needed is if synchronization is accidentally lost (e.g. by noise in adverse electrical environments, or by the definition of a multiplex mode when PCF8534’s with different SA0 levels are cascaded). SYNC is organized as an input / output pad; the output selection being realized as an open-drain driver with an internal pull-up resistor. A PCF8534 asserts the SYNC line at the onset of its last active backplane signal and monitors the SYNC line at all other times. If synchronization in the cascade is lost, it is restored by the first PCF8534 to assert SYNC. The timing relationship between the backplane waveforms and the SYNC signal for the various drive modes of the PCF8534 are shown in Figure 18. The contact resistance between the SYNC pads of cascaded devices must be controlled. If the resistance is too high then the device will not be able to synchronize properly. Table 18 shows the limiting values for contact resistance. Table 18. SYNC contact resistance Number of devices Maximum contact resistance 2 6000 Ω 3 to 5 2200 Ω 6 to 10 1200 Ω 11 to 16 700 Ω |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |