Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 16Page - Microchip Technology MCP16501 Datasheet HTML 17Page - Microchip Technology MCP16501 Datasheet HTML 18Page - Microchip Technology MCP16501 Datasheet HTML 19Page - Microchip Technology MCP16501 Datasheet HTML 20Page - Microchip Technology MCP16501 Datasheet HTML 21Page - Microchip Technology MCP16501 Datasheet HTML 22Page - Microchip Technology MCP16501 Datasheet HTML 23Page - Microchip Technology MCP16501 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
MCP16501
DS20006388E-page 20
 2020-2022 Microchip Technology Inc. and its subsidiaries
4.4
Power-up/Power-Down/Hibernate
Sequences and Timings
4.4.1
TYPICAL POWER-UP SEQUENCE
AND TIMING
The typical scenario applies to MPU applications,
where:
• I/O voltage (VDDIO) and, if applicable, auxiliary
LDO rail is started first (at time t1), by connecting
LEN to the VDDIO output (MCP16501D only).
• DDR supply/DDRIO voltage (VDDIODDR) is
started next after delay t2. From the MPU
perspective, t2 is not mandatory, but it facilitates
the use of an external 1.8V DC-DC or LDO for
LPDDR2/3 (VDDIODDR being the 1.2V supply of
the LPDDR2/3). This DC-DC can be initially
sequenced to VDDIO at start-up and maintained
ON by VDDIODDR for Hibernate mode (backup
self-refresh).
• VDDCORE (and VDDCPU for other MPUs)
voltages are started last, after a delay of t3.
• Upon successful start-up of all the rails in the
power-up sequence, after delay t4, the Reset
signal (nRSTO) is deasserted and software
execution can start.
The start-up sequence can be initiated in two different
ways, also depending on the presence of a backup
supply in the application:
1.
nSTRT event (nSTRT pin pulled low),
maintained by PWRHLD assertion. In
applications with a backup battery, the PWRHLD
signal is typically already high before the nSTRT
event.
2.
A low-to-high transition of the PWRHLD
signal, regardless of the nSTRT event. This is
only possible in applications with backup supply.
This mode is typically originated by an external
wake-up event asserted by a peripheral device
to the MPU Shutdown and Wake-up Controller
(SHDWC), which is still powered in Backup mode.
Delay t1 acts as a debouncing delay of the nSTRT
event. Therefore, nSTRT must be detected as low
continuously during t1 to validate the start-up event and
initiate the first sequence step. After the first sequence
step is started (at t1), nSTRT can be released to its high
level at any time. Also, subsequent high-low-high tog-
gling of nSTRT during the execution of the start-up
sequence, while visible at the nSTRTO output, will be
ignored by the sequencer and it will not reset the
start-up sequence under execution.
The following timing diagram in Figure 4-4 shows the
typical sequence for Case 1:
FIGURE 4-4:
Start-Up from nSTRT Timing
Diagram.
Note:
The nSTRT event needs the assertion of
PWRHLD to have the power-up sequence
completed successfully. If PWRHLD is not
yet high at the time nRSTO is to be
asserted, the MCP16501 automatically
initiates a turn-off sequence without any
positive glitches on nRSTO.
Where:
t1 = Delay from nSTRT falling to first output
VOUT1 starting (default 0.5 ms + device
wake-up time, about 100 µs)
t2 = Time from VOUT1 established to VOUT2
starting (default 8 ms)
t3 = Time from VOUT2 established to VOUT3
starting (default 4 ms)
t4 = Time from VOUT3 established to nRSTO
deassertion (default 16 ms)
t5 = Setup/hold times, min. 0 µs (internal
filtering applies)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com