Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 23Page - Microchip Technology MCP16501 Datasheet HTML 24Page - Microchip Technology MCP16501 Datasheet HTML 25Page - Microchip Technology MCP16501 Datasheet HTML 26Page - Microchip Technology MCP16501 Datasheet HTML 27Page - Microchip Technology MCP16501 Datasheet HTML 28Page - Microchip Technology MCP16501 Datasheet HTML 29Page - Microchip Technology MCP16501 Datasheet HTML 30Page - Microchip Technology MCP16501 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 27
MCP16501
4.6
Device Variants Default Settings
The summary of all currently available device variants with their default register settings is shown in Table 4-6.
Note:
[1,2,3] – refers to each individual Buck channel setting.
TABLE 4-6:
DEFAULT REGISTERS SETTINGS VS. MCP16501 DEVICE VARIANTS
Setting
Power
State
SELVx Status
Default Settings of MCP16501 Variants
AB
CD
E
RSTDLY
Irrelevant
Irrelevant
16ms
16ms
16ms
16ms
16ms
AWKPDIS
Irrelevant
Irrelevant
Enabled
Enabled
Enabled
Enabled
Enabled
VOUT[1]
Irrelevant
Irrelevant
3.3V
2.8V
3V
3.3V
3.3V
VOUT[2]
Irrelevant
SELV2 = Low
1.2V
1.2V
1.2V
1.2V
1.2V
VOUT[2]
Irrelevant
SELV2 = High-Z
1.35V
1.35V
1.35V
1.35V
1.35V
VOUT[2]
Irrelevant
SELV2 = High
1.8V
1.8V
1.8V
1.8V
1.8V
VOUT[3]
Irrelevant
SELV3 = Low
1V
1V
1V
1V
1V
VOUT[3]
Irrelevant
SELV3 = High-Z
1.15V
1.15V
1.15V
1.15V
1.15V
VOUT[3]
Irrelevant
SELV3 = High
1.25V
1.25V
1.25V
1.25V
1.25V
EN[1,2,3]
Active
Irrelevant
Enabled
Enabled
Enabled
Enabled
Enabled
EN[1,2,3]
Low Power
Irrelevant
Enabled
Enabled
Enabled
Enabled
Enabled
EN[1,3]
Hibernate
Irrelevant
Disabled
Disabled
Disabled
Disabled
Disabled
EN[2]
Hibernate
Irrelevant
Enabled
Enabled
Enabled
Enabled
Enabled
MODE[1,2,3]
Active
Irrelevant
FPWM
FPWM
FPWM
FPWM
FPWM
MODE[1,2,3] Low Power
Irrelevant
Auto-PFM
Auto-PFM
Auto-PFM
Auto-PFM
Auto-PFM
MODE[1,2,3]
Hibernate
Irrelevant
Auto-PFM
Auto-PFM
Auto-PFM
Auto-PFM
Auto-PFM
SSR[1,2,3]
Irrelevant
Irrelevant
3.125V/ms
3.125V/ms
3.125V/ms
3.125V/ms
3.125V/ms
SEQ[1]
Irrelevant
Irrelevant
1st
1st
1st
1st
1st
SEQ[2]
Irrelevant
Irrelevant
2nd
2nd
2nd
2nd
2nd
SEQ[3]
Irrelevant
Irrelevant
3rd
3rd
3rd
3rd
3rd
DELAY[1]
Irrelevant
Irrelevant
0.5ms
0.5ms
0.5ms
0.5ms
0.5ms
DELAY[2]
Irrelevant
Irrelevant
8ms
8ms
8ms
8ms
8ms
DELAY[3]
Irrelevant
Irrelevant
4ms
4ms
4ms
4ms
4ms
B1HCEN
Irrelevant
Irrelevant
Disabled
Disabled
Disabled
Disabled
Enabled
HCPEN[1,3]
Irrelevant
Irrelevant
Enabled
Enabled
Enabled
Disabled
Enabled
HCPEN[2]
Irrelevant
Irrelevant
Enabled
Enabled
Enabled
Disabled
Enabled
DISCH[1,2,3]
Irrelevant
Irrelevant
Enabled
Enabled
Enabled
Enabled
Enabled
PHASE[1,3]
Irrelevant
Irrelevant
180°
180°
180°
180°
180°
PHASE[2]
Irrelevant
Irrelevant
0°
0°
0°
0°
0°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com