Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 11Page - Microchip Technology MCP16501 Datasheet HTML 12Page - Microchip Technology MCP16501 Datasheet HTML 13Page - Microchip Technology MCP16501 Datasheet HTML 14Page - Microchip Technology MCP16501 Datasheet HTML 15Page - Microchip Technology MCP16501 Datasheet HTML 16Page - Microchip Technology MCP16501 Datasheet HTML 17Page - Microchip Technology MCP16501 Datasheet HTML 18Page - Microchip Technology MCP16501 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
 2020-2022 Microchip Technology Inc. and its subsidiaries
DS20006388E-page 15
MCP16501
4.0
DEVICE OPTIONS
The MCP16501 is offered in different options,
depending on the target I/O voltage needed external
memory type and behavior in bypass situations.
Table 4-1 shows the device options that are currently
available.
4.1
Buck Channels and Related
External Components
The MCP16501 Buck channels are based on Peak
Current mode control architecture and have internal
frequency compensation for the voltage regulation
loop. The slope compensation is optimized for
inductors in the 1.5 µH to 2.2 µH range. A minimum
output capacitor of 22 µF is required for stability.
Output capacitance can be increased if necessary;
however, it is recommended that the maximum output
capacitance value be limited to avoid engaging the
Hiccup mode overcurrent protection during the initial
soft start ramp. Further details are given in
Section 5.6 “Maximum Simultaneous Capacitive
and DC Loading in Soft Start”.
The recommended input decoupling capacitance on
each Buck channel is 4.7 µF.
The Buck channels can operate in either Forced PWM
mode (Continuous Inductor Current mode), where the
inductor current is allowed to go negative, or in Auto-
matic PFM mode, where the inductor current is
prevented from going negative through Zero-Current
Detection (ZCD) and diode emulation of the low-side
MOSFET.
The switching frequency in Forced PWM mode is
nominally 2 MHz.
4.2
LDO Channel and Related
External Components
The MCP16501 LDO is designed for operation with
low-ESR ceramic output capacitors of 2.2 µF (minimum
value) for loads up to 150 mA, and of 4.7 µF (minimum
value) for loads up to 300 mA. The total output
capacitance must not exceed 20 µF. Recommended
capacitor part numbers are given in Section 5.1
“Recommended External Components”.
4.3
Control Signals and Power States
4.3.1
INTERFACING SIGNALS
The MCP16501 is interfaced to the host MPU by means
of the following signals: nSTRTO (open-drain output),
nRSTO (open-drain output), PWRHLD (input) and LPM
(input).The ESD protection on each interfacing signal is
purposely designed to prevent any leakage from the
MPU I/Os, even in the case where the main input power
is removed from the MCP16501.
Note:
All device variants are generated at the
factory
with
One-Time-Programmable
memory, which configures default settings
at power-up. Contact your nearest
Microchip
Sales
Office
for
further
assistance
on
the
development
of
customized device variants.
TABLE 4-1:
DEFAULT CONFIGURATIONS
Device Options
MCP16501A
MCP16501B
MCP16501C
MCP16501D
MCP16501E
VOUT1
3.3V
2.8V
3V
3.3V
3.3V
LPDDR2/3
Not supported
Not supported
Not supported
Supported
Not supported
Hysteretic Control
Mode (HCM)
Not supported
Not supported
Not supported
Not supported
Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com