Electronic Components Datasheet Search
  English  ▼

X  

MCP16501 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP16501
Description  Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16501 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP16501 Datasheet HTML 6Page - Microchip Technology MCP16501 Datasheet HTML 7Page - Microchip Technology MCP16501 Datasheet HTML 8Page - Microchip Technology MCP16501 Datasheet HTML 9Page - Microchip Technology MCP16501 Datasheet HTML 10Page - Microchip Technology MCP16501 Datasheet HTML 11Page - Microchip Technology MCP16501 Datasheet HTML 12Page - Microchip Technology MCP16501 Datasheet HTML 13Page - Microchip Technology MCP16501 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP16501
DS20006388E-page 10
 2020-2022 Microchip Technology Inc. and its subsidiaries
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified: VIN = VIN= PVINx = 5V; L1 = L2 = L3 = 2.2 µH; COUT1 = COUT2 = COUT3= 22 µF, TA
= +25°C
FIGURE 2-1:
VIN Operating Current vs.
Input Voltage and Temperature – Hibernate
Mode (LPM = High, PWRHLD = Low).
FIGURE 2-2:
VIN Quiescent Current vs.
Input Voltage and Temperature – Low-Power
Mode (LPM = PWRHLD = High).
FIGURE 2-3:
VIN Quiescent Current vs.
Input Voltage and Temperature – Active Mode
(LPM = Low, PWRHLD = High).
FIGURE 2-4:
Buck1 Efficiency vs. Load
Current Measured on PVIN1 (VOUT1 =3.3V).
FIGURE 2-5:
Buck2 Efficiency vs. Load
Current Measured on PVIN2 (VOUT2 =1.2V).
FIGURE 2-6:
Buck3 Efficiency vs. Load
Current Measured on PVIN3 (VOUT3 = 1.25V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
200
250
300
350
400
450
500
550
600
650
700
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
T
A = -40°C
T
A = 25°C
T
A = 1 5°C
T
A = 1 5°C
MCP16501A
MCP16501E
6
7
8
9
10
11
12
13
14
15
16
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
T
A = -40°C
T
A = 25°C
T
A =1 5°C
T
A = 1 5°C
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
I
OUT (mA)
V
IN = 5V
FPWM
AUTOPFM
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
I
OUT (mA)
V
IN = 5V
FPWM
AUTOPFM
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10.0
100.0
1000.0
I
OUT (mA)
V
IN = 5V
FPWM
AUTOPFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com