Electronic Components Datasheet Search
  English  ▼

X  

RM5231 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 29Page - PMC-Sierra, Inc RM5231 Datasheet HTML 30Page - PMC-Sierra, Inc RM5231 Datasheet HTML 31Page - PMC-Sierra, Inc RM5231 Datasheet HTML 32Page - PMC-Sierra, Inc RM5231 Datasheet HTML 33Page - PMC-Sierra, Inc RM5231 Datasheet HTML 34Page - PMC-Sierra, Inc RM5231 Datasheet HTML 35Page - PMC-Sierra, Inc RM5231 Datasheet HTML 36Page - PMC-Sierra, Inc RM5231 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
33
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
9
AC Electrical Characteristics
9.1
Capacitive Load Deration
9.2
Clock Parameters
Parameter
Symbol
CPU Speed
Units
150–250 MHz
Min
Max
Load Derate
CLD
2ns/25 pF
IO Power Derate
17.5
mW/25 pF/ MHz
IO Power Derate @ 20 pF Load
4.0
5.5
mW/ MHz
Parameter
Symbol
Test
Conditions
CPU Speed
Units
150 MHz
200 MHz
250 MHz
Min
Max
Min
Max
Min
Max
SysClock High
tSCH
Transition
≤ 5 ns 333ns
SysClock Low
tSCL
Transition
≤ 5 ns 333ns
SysClock Frequency
25
75
25
100
25
100
MHz
SysClock Period
tSCP
40
40
40
ns
Clock Jitter for SysClock
tJI
±200
±200
±150 ps
SysClock Rise Time
tCR
222
ns
SysClock Fall Time
tCF
222
ns
ModeClock Period
tModeCKP
256
256
256
tSCP
JTAG Clock Period
tJTAGCKP
444tSCP
Note
1.
Operation of the RM5231 is only guaranteed with the Phase Lock Loop enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com