| Electronic Components Datasheet Search |
|
RM5231 Datasheet(PDF) 20 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
RM5231 Datasheet(HTML) 20 Page - PMC-Sierra, Inc |
|
20 / 39 page ![]() Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use 20 Document ID: PMC-2002165, Issue 1 RM5231™ Microprocessor with 32-bit System Bus Data Sheet Released 4. Write-through without write allocate Loads and instruction fetches first search the cache, reading main memory only if the desired data is not cache resident. On data store operations, the cache is first searched to determine if the target address is cache resident. If it is resident, the cache contents are updated and main memory is written, leaving the write-back bit of the cache line unchanged. If the cache lookup misses, then only main memory is written. The most commonly used write policy is write-back, where a store to a cache line does not immediately cause the main memory to be updated. This increases system performance by reducing bus traffic and eliminating the bottleneck of waiting for each store operation to finish before issuing a subsequent memory operation. Software can, however, select write-through on a per-page basis when appropriate, such as for frame buffers. Associated with the data cache is the store buffer. When the RM5231 executes a store instruction, this single-entry buffer gets written with the store data while the tag comparison is performed. If the tag matches, then the data is written into the data cache in the next cycle that the data cache is not accessed (the next non-load cycle). The store buffer allows the RM5231 to execute a store every processor cycle and to perform back-to-back stores without penalty. In the event of a store immediately followed by a load to the same address, a combined merge and cache write occurs such that no penalty is incurred. The RM5231 cache attributes for both the instruction and data caches are summarized in Table 3. Table 3 Cache Attributes 3.20 Write Buffer Writes to external memory, whether cache miss write-backs or stores to uncached or write-through addresses, use the on-chip write buffer. The write buffer holds up to four 64-bit address and data pairs. The entire buffer is used for a data cache write-back and allows the processor to proceed in parallel with the memory update. For uncached and write-through stores, the write buffer Characteristics Instruction Data Size 32 KB 32 KB Organization 2-way set associative 2-way set associative Line size 32 B 32 B Index vAddr11..0 vAddr11..0 Tag pAddr31..12 pAddr31..12 Write policy n.a. write-back/write- through Read order sub-block sub-block write order sequential sequential miss restart after transfer of entire line first double Parity per-word per-byte Cache locking set A set A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |