Electronic Components Datasheet Search
  English  ▼

X  

RM5231 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 12Page - PMC-Sierra, Inc RM5231 Datasheet HTML 13Page - PMC-Sierra, Inc RM5231 Datasheet HTML 14Page - PMC-Sierra, Inc RM5231 Datasheet HTML 15Page - PMC-Sierra, Inc RM5231 Datasheet HTML 16Page - PMC-Sierra, Inc RM5231 Datasheet HTML 17Page - PMC-Sierra, Inc RM5231 Datasheet HTML 18Page - PMC-Sierra, Inc RM5231 Datasheet HTML 19Page - PMC-Sierra, Inc RM5231 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
16
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
Figure 4 CP0 Registers
3.13 Virtual to Physical Address Mapping
The RM5231 provides three modes of virtual addressing:
•
user mode
•
kernel mode
•
supervisor mode
This mechanism is available to system software to provide a secure environment for user
processes. Bits in the CP0 Status register determine which virtual addressing mode is used. In the
user mode, the RM5231 provides a single, uniform virtual address space of 1TB (2 GB in 32-bit
mode).
When operating in the kernel mode, four distinct virtual address spaces, totalling over 2.5 TB (4
GB in 32-bit mode), are simultaneously available and are differentiated by the high-order bits of
the virtual address.
The RM5231 processors also support a supervisor mode in which the virtual address space over 2
TB (2.5 GB in 32-bit mode), divided into three regions based on the high-order bits of the virtual
address.
When the RM5231 is configured as a 64-bit microprocessor, the virtual address space layout is an
upward compatible extension of the 32-bit virtual address space layout.
Figure 5 shows the address space layout for 32-bit operation.
0
47
TLB
(entries protected
from TLBWR)
EntryHi
10*
EntryLo0
2*
EntryLo1
3*
PageMask
5*
Wired
6*
Random
1*
Index
0*
Status
12*
Cause
13*
EPC
14*
ErrorEPC
30*
Count
9*
Compare
11*
Context
4*
PRId
15*
Config
16*
TagHi
29*
TagLo
28*
ECC
26*
CacheErr
27*
BadVAddr
8*
LLAddr
17*
* Register number
XContext
20*
Used for memory
management
Used for exception
processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com