Electronic Components Datasheet Search
  English  ▼

X  

RM5231 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 7Page - PMC-Sierra, Inc RM5231 Datasheet HTML 8Page - PMC-Sierra, Inc RM5231 Datasheet HTML 9Page - PMC-Sierra, Inc RM5231 Datasheet HTML 10Page - PMC-Sierra, Inc RM5231 Datasheet HTML 11Page - PMC-Sierra, Inc RM5231 Datasheet HTML 12Page - PMC-Sierra, Inc RM5231 Datasheet HTML 13Page - PMC-Sierra, Inc RM5231 Datasheet HTML 14Page - PMC-Sierra, Inc RM5231 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
11
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
3
Hardware Overview
The RM5231 offers a high-level of integration targeted at high-performance embedded
applications. The key elements of the RM5231 are briefly described in this section.
3.1
Superscalar Dispatch
The RM5231 has an asymmetric superscalar dispatch unit which allows it to issue an integer
instruction and a floating-point computation instruction simultaneously. Integer instructions
include ALU, branch, load/store, and floating-point load/store, while floating-point computation
instructions include floating-point add, subtract, combined multiply-add, converts, etc. In
combination with its high-throughput fully pipelined floating-point execution unit, the superscalar
capability of the RM5231 provides unparalleled price/performance in computationally intensive
embedded applications.
3.2
CPU Registers
The RM5231 CPU has a user-visible state consisting of 32 general purpose registers, two special
purpose registers for integer multiplication and division, a program counter, and no condition code
bits. Figure 2 shows the user visible state.
Figure 2 CPU Registers
3.3
Pipeline
For integer operations, loads, stores, and other non-floating-point operations, the RM5231 uses a
5-stage pipeline. In addition to the integer pipeline, the RM5231 uses an extended 7-stage pipeline
for floating-point operations.
Figure 3 shows the RM5231 integer pipeline. As illustrated in the figure, up to five integer
instructions can be executing simultaneously.
General Purpose Registers
63
0
Multiply/Divide Registers
0
63
0
r1
HI
r2
63
0
•
LO
•
•
Program Counter
•
63
0
r29
PC
r30
r31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com