Electronic Components Datasheet Search
  English  ▼

X  

RM5231 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # RM5231
Description  RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

RM5231 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button RM5231 Datasheet HTML 8Page - PMC-Sierra, Inc RM5231 Datasheet HTML 9Page - PMC-Sierra, Inc RM5231 Datasheet HTML 10Page - PMC-Sierra, Inc RM5231 Datasheet HTML 11Page - PMC-Sierra, Inc RM5231 Datasheet HTML 12Page - PMC-Sierra, Inc RM5231 Datasheet HTML 13Page - PMC-Sierra, Inc RM5231 Datasheet HTML 14Page - PMC-Sierra, Inc RM5231 Datasheet HTML 15Page - PMC-Sierra, Inc RM5231 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
Proprietary and Confidential to PMC-Sierra, Inc and for its Customer’s Internal Use
12
Document ID: PMC-2002165, Issue 1
RM5231™ Microprocessor with 32-bit System Bus Data Sheet
Released
Figure 3 Pipeline
3.4
Integer Unit
The RM5231 integer unit includes thirty-two general purpose 64-bit registers, a load/store
architecture with single cycle ALU operations (add, sub, logical, shift) and an autonomous
multiply/divide unit. Additional register resources include: the HI/LO result registers for the two-
operand integer multiply/divide operations, and the program counter (PC).
The RM5231 implements the MIPS IV Instruction Set Architecture, and is therefore fully upward
compatible with applications that run on processors implementing the earlier generation MIPS I-
III instruction sets.
3.5
Register File
The RM5231 has thirty-two general purpose registers with register location 0 (r0) hard wired to a
zero value. These registers are used for scalar integer operations and address calculation. The
register file has two read ports and one write port and is fully bypassed to minimize operation
latency in the pipeline.
3.6
ALU
The RM5231 ALU consists of an integer adder/subtractor, a logic unit, and a shifter. The adder
performs address calculations in addition to arithmetic operations. The logic unit performs all
logical and zero shift data moves. The shifter performs shifts and store alignment operations. Each
of these units is optimized to perform all operations in a single processor cycle.
3.7
Integer Multiply/Divide
The RM5231 has a dedicated integer multiply/divide unit optimized for high-speed multiply and
multiply-accumulate operations. Table 1 shows the performance of the multiply/divide unit on
each operation.
I0
I1
I2
I3
I4
2I
1I
1R
2R
1A
2A
1D
2D
1W
2W
2I
1I
1R
2R
1A
2A
1D
2D
1W
2W
2I
1I
1R
2R
1A
2A
1D
2D
1W
2W
2I
1I
1R
2R
1A
2A
1D
2D
1W
2W
2I
1I
1R
2R
1A
2A
1D
2D
1W
2W
one cycle
1I-1R:
2I:
2A-2D:
2R:
1A-2A:
1A:
1A:
1D:
2A:
2W:
Instruction cache access
Instruction virtual to physical address translation
Register file read, Bypass calculation, Instruction decode, Branch address calculation
Issue or slip decision, Branch decision
Integer add, logical, shift
Data virtual address calculation
Data virtual to physical address translation
Store Align
Register file write
Data cache access and load align



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com