Electronic Components Datasheet Search
  English  ▼

X  

PH97005 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 4 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
CIRCUIT DESCRIPTION
Figure 2 shows circuit diagram of the DECT PA including both RF transistors, matching circuits
and biasing circuit. The appendix contains the part list of the demo board.
Figure 2:Circuit
diagram of t he DECT PA demo board PH97005.
RF transistors
The RF chain of the PA consists of two transistor stages: a BFG425W (Q1) wideband transistor,
operating in class A and aBFG21W (Q2), operating in class AB.
In accordance with the above settings the measured source and load impedances of both
transistors are given in table 2.
Transistor
Source impedance (Z
s)
Load impedance (Z
l)
BFG425W
(V
ce=3. 6 V; Ic=30 m A; f=1. 89 G Hz)
12 + 0.7 j
Ω
52 + 102 j
Ω
BFG21W
(V
ce=3. 6 V; Po=26 d B m; f =1 .8 9 GHz)
8 - 4.5 j
Ω
12 - 3.5 j
Ω
Table 2 : Source and load impedances of the applied RF transist ors.
Small signal S-parameter data for the BFG425W as well as large signal Spice parameters of
both the BFG425W and the BFG21W are available on floppy disc.
The RF transistors have tw o emitters leads, which have to be carefully grounded to ensure
stable operation and performance according to specification. Typically, the inductance of the
vias has to be kept below 0.1 nH.
Vs
Vc
RF in
RF out
C1
C4
TL1
Q1
R1
Q2
R5
TL2
C7
C2
TL3
TL4
C3
C5
TL5
TL6
TL7
TL8
C6
C8
C9
C10
C11
C12
C13
R2
R3
R4
R5
R6
R7
Q3a
Q3b



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com