Electronic Components Datasheet Search
  English  ▼

X  

PH97005 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 8 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
MEASUREMENT RESULTS
Measurements under pulsed conditions, with a 10 ms period and a duty cycle of 1:8.
.
Gain and Efficiency vs. Pout
20
22
24
26
28
30
10
15
20
25
30
Pout (dBm)
G(
0
20
40
60
80
100
Eff (
Gp
Eff
Gain and Efficiency vs. frequency
25
26
27
1.86
1.89
1.92
freq (GHz)
Gp (
40
45
50
Eff
Gp
Eff
Figure 6a:
f = 1.89 GHz; Vs = 3.6 V; V
c = 3.6 V.
Figure 6b:
Vs = 3.6 V; P
in = 0 dBm; V c = 3.6 V.
Gain and Efficiency vs. supply voltag
25
26
27
3.2
3.4
3.6
3.8
4
4.2
Vs (V)
G(
40
45
50
Eff (
Gp
Eff
Gain and Efficiency vs. control voltag
-60
-40
-20
0
20
40
0
0.6
1.2
1.8
2.4
3
3.6
Vc (V)
Gp (
0
20
40
60
80
100
Eff (
Gp
Eff
Figure 6c:
f = 1.89 GHz; P
in = 0 dBm; V c = 3.6 V.
Figure 6d:
f = 1.89 GHz; Vs = 3.6 V; P
in = 0
dBm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com