Electronic Components Datasheet Search
  English  ▼

X  

PH97005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
INTRODU CTION
This note describes the application of two of the new
5
th generation silicon bipolar RF transistors
in SOT343R plastic SMD package in a two-stage power amplifier (PA), designed for use in
DEC T cordless telephone systems. These transistors, manufactured according to the new
double-poly process, are characterised by their high transition frequency (f
T > 20 GH z) at lo w
supply voltages, resulting in a superior power gain at microwave frequencies, usually a field
dedicated to GaAs-devices. Two layers of polysilicon are used: one for contacting the base,
yielding a low base resistance and one to form the emitter, resulting in a steep emitter dope
profile and an effective emitter width of 0.5
µm. A buried N-layer (collector) is placed within a P-
substrate, which is connected to the emitter package lead, which enables the die to be placed
on the ground plane, reducing emitter inductance and thermal resistance. Figure 1 shows a
cross section of a
double-poly buried layer transistor.
Figure 1:Cross section and package of the double-poly buried layer RF t ransistors.
With only two
double-poly transistors a complete amplifier line-up can be realised, offering
26 dBm of output power with more than 26 dB power gain. The amplifier requires a single
supply voltage of 3.6 V and typically has 44% efficiency. The biasing circuitry uses only one
NPN transistor pair, which also performs load power adjustment and on/off switching functions.
Thanks to the low component count and simple matching netw orks the entire amplifier
(including bias part) only measures 10 x 20 mm.
As compared to a previous demonstration board, PH96060 (Preliminary Application Note
RNR-T45-96-T-838) this one offers lower additional component count, but is less suitable for
PHS application.
The main features of the PA are:
- low component count
- small size
- high efficiency
- single supply operation
1 base
2 emitter
3 col lector
4 emitter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com