Electronic Components Datasheet Search
  English  ▼

X  

PH97005 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 5 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
Impedance matching
The impedance matching part consists of three separate sections: the input, the interstage and
the output matching networks. The purpose of these networks is to enable the RF transistors to
give optimum performance w ith respect to power gain, output power and efficiency. Fortunately,
the impedance levels of the applied
double-poly transistors are not exceptionally high or low, so
they’re rather easy to match.
Decoupling is done by using capacitors C1, C4, C6, C8, C 11 and C12, which are series
resonant at 1.9 GHz. C apacitors C7 (with resistor R3) and C 9 are used to suppress low
frequency instability.
At the input side shunt capacitor C2 and series
transmission line TL1 match the 50
Ω source to the
base of Q1. Base resistor R1 is used for biasing and
has no effect on matching.
Fig. 3a: Input mat ching.
Between the collector of Q1 and the base of Q2
matching is done by series transmission line TL2, shunt
capacitor C3 and series transmission lines TL4 and
TL6. Both shunt capacitors C3 and C5 (partly)
compensate the influence of bias stubs TL3 and TL5,
which are both shorter than a quarter wavelength.
Fig. 3b: Interstage m at ching.
The output match is done by series transmission line
TL7 and shunt capacitor C10. Again this capacitor also
compensates the influence of bias stub TL6.
Fig. 3c: Output matching.
input Q1
C2
TL1
output Q1
input Q2
TL2
TL3
C3
TL4/TL6
TL5/C5
TL7
C10
output Q2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com