Electronic Components Datasheet Search
  English  ▼

X  

PH97005 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PH97005
Description  Low cost DECT Po wer Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH97005 Datasheet(HTML) 6 Page - NXP Semiconductors

  PH97005 Datasheet HTML 1Page - NXP Semiconductors PH97005 Datasheet HTML 2Page - NXP Semiconductors PH97005 Datasheet HTML 3Page - NXP Semiconductors PH97005 Datasheet HTML 4Page - NXP Semiconductors PH97005 Datasheet HTML 5Page - NXP Semiconductors PH97005 Datasheet HTML 6Page - NXP Semiconductors PH97005 Datasheet HTML 7Page - NXP Semiconductors PH97005 Datasheet HTML 8Page - NXP Semiconductors PH97005 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors B.V.
Low cost DECT Power Amplifier
PH97005
RNR-T45-97-M-0931
Biasing
The biasing part of the PA is centered around a dual NPN transistor, Q3 a and b. The circuit
offers a temperature compensated bias voltage for both the first and the second RF stages.
Unlike the previous demo board PH96060, the circuit is activated w hen Vc is high, which is
beyond 2.4 V. The bias output voltage for the first stage is a little higher than for the second
stage. D ue to series resistor R1, the fist stage is current driven and operates in class A. The
second stage is driven by at the knee voltage (0.7 V) and operates in class AB. Series resistor
R2 protects Q 2 from thermal runaway.
The current design of the PA doesn’t include any measures to reduce adjacent channel
power due to switching transients. The slope of the RF pulse can be too steep and has to
be relaxed to comply to the approval specification. This can be done by placing a capacitor
at the base of Q3a. Experimental investigation has shown that a 10 nF capacitor
approximately offers a 20 dB improvement of the adjacent channel power.
Recommendations for use
Figure 4 shows how the PA should be connected.
Figure 4:Schematic view of the PA connections.
In pulsed condition at nominal supply voltage and output power level, the load can be
mismatched (VSWR
≤ 6 : 1, all phases) without damage.
The PA can also be operated in CW, but only w hen the output is properly matched with 50
Ω.
When a mismatched load is applied w hen the amplifier is operated in CW, this will cause
damage of the final stage.
R1
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
R2
R3
R4
R5
R6
R7
Q1
Q2
Q3
TL1
TL2
TL3
TL4
TL5
TL6
TL7
TL8
RF in
RF out
GND
3.6V supply
pulse (active high)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com