Electronic Components Datasheet Search
  English  ▼

X  

AOZ1016AI Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOZ1016AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Rev. 1.1 September 2007
www.aosmd.com
Page 1 of 15
AOZ1016
EZBuck™ 2A Simple Buck Regulator
General Description
The AOZ1016 is a high efficiency, simple to use, 2A buck
regulator. The AOZ1016 works from a 4.5V to 16V input
voltage range, and provides up to 2A of continuous
output current with an output voltage adjustable down
to 0.8V.
The AOZ1016 comes in an SO-8 package and is rated
over a -40°C to +85°C ambient temperature range.
Features
●
4.5V to 16V operating input voltage range
●
130m
Ω internal PFET switch for high efficiency:
up to 95%
●
Internal Schottky Diode
●
Internal soft start
●
Output voltage adjustable to 0.8V
●
2A continuous output current
●
Fixed 500kHz PWM operation
●
Cycle-by-cycle current limit
●
Short-circuit protection
●
Under voltage lockout
●
Output over voltage protection
●
Thermal shutdown
●
Small size SO-8 package
Applications
●
Point of load DC/DC conversion
●
PCIe graphics cards
●
Set top boxes
●
DVD drives and HDD
●
LCD panels
●
Cable modems
●
Telecom/networking/datacom equipment
Typical Application
Figure 1. 3.3V/2A Buck Regulator
LX
VIN
VIN
VOUT
FB
PGND
EN
From µPC
COMP
AGND
C4, C6
22µF Ceramic
R2
R3
20kΩ
C5
1nF
C2
C1
22µF Ceramic
L1
4.7µH
AOZ1016


Similar Part No. - AOZ1016AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1010 AOSMD-AOZ1010 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1010AI AOSMD-AOZ1010AI Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
More results

Similar Description - AOZ1016AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1010 AOSMD-AOZ1010 Datasheet
568Kb / 16P
EZBuck TM 2A Simple Buck Regulator
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210 AOSMD-AOZ1210 Datasheet
580Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1018 AOSMD-AOZ1018 Datasheet
769Kb / 14P
EZBuck??2A Simple Regulator
AOZ1010_0611 AOSMD-AOZ1010_0611 Datasheet
737Kb / 14P
EZBuck??2A Simple Regulator
AOZ1019 AOSMD-AOZ1019 Datasheet
634Kb / 14P
EZBuck??2A Simple Regulator
AOZ1056AI AOSMD-AOZ1056AI Datasheet
664Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1210AI AOSMD-AOZ1210AI Datasheet
418Kb / 14P
EZBuck??2A Simple Buck Regulator
AOZ1240AI AOSMD-AOZ1240AI Datasheet
447Kb / 15P
EZBuck??2A Simple Buck Regulator
AOZ1240 AOSMD-AOZ1240 Datasheet
794Kb / 15P
EZBuck™ 2A Simple Buck Regulator
Rev. 1.3 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com