Electronic Components Datasheet Search
  English  ▼

X  

AOZ1016AI Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ1016AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 3 of 15
Block Diagram
500kHz/38kHz
Oscillator
AGND
PGND
VIN
EN
FB
COMP
LX
OTP
Internal
+5V
ILimit
PWM
Control
Logic
5V LDO
Regulator
UVLO
& POR
Softstart
Reference
& Bias
0.8V
Q1
PWM
Comp
Level
Shifter
+
FET
Driver
ISen
EAmp
0.2V
+
–
+
–
+
–
+
–
+
0.96V
Frequency
Foldback
Comparator
Over Voltage
Protection
Comparator
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com