Electronic Components Datasheet Search
  English  ▼

X  

AOZ1016AI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ1016AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 5 of 15
Typical Performance Characteristics
Circuit of Figure 1. TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified.
Light Load (DCM) Operation
Full Load (CCM) Operation
Startup to Full Load
Full Load to Turnoff
50% to 100% Load Transient
Light Load to Turnoff
1
µs/div
1
µs/div
400
µs/div
400
µs/div
100
µs/div
1s/div
Vin
10V/div
Vo
1V/div
Iin
0.5A/div
Vo
Ripple
Io
1A
50mV/div
/div
Vin
ripple
0.1V/div
Vo
ripple
20mV/div
IL
1A/div
VLX
10V/div
Vin
ripple
0.1V/div
Vo
ripple
20mV/div
IL
1A/div
VLX
10V/div
Vin
10V/div
Vo
1V/div
Iin
0.5A/div
Vin
5V/div
Vo
1V/div
Iin
0.5A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com