Electronic Components Datasheet Search
  English  ▼

X  

AOZ1016AI Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 15Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 13 of 15
Package Dimensions, SO-8L
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating
3. Package body sizes exclude mold flash and gate burrs. Mold flash at the non-lead sides should be less than 6 mils.
4. Dimension L is measured in gauge plane.
5. Controlling dimension is millimeter, converted inch dimensions are not necessarily exact.
Symbols
A
A1
A2
b
c
D
E1
e
E
h
L
θ
Dimensions in millimeters
Min.
1.35
0.10
1.25
0.31
0.17
4.80
3.80
5.80
0.25
0.40
0
°
D
C
L
h x 45
°
7
° (4x)
b
2.20
5.74
0.80
Unit: mm
1.27
A1
A2 A
0.1
θ
Gauge Plane
Seating Plane
0.25
e
8
1
E1
E
Nom.
1.65
—
1.50
—
—
4.90
3.90
1.27 BSC
6.00
—
—
—
Max.
1.75
0.25
1.65
0.51
0.25
5.00
4.00
6.20
0.50
1.27
8
°
Symbols
A
A1
A2
b
c
D
E1
e
E
h
L
θ
Dimensions in inches
Min.
0.053
0.004
0.049
0.012
0.007
0.189
0.150
0.228
0.010
0.016
0
°
Nom.
0.065
—
0.059
—
—
0.193
0.154
0.050 BSC
0.236
—
—
—
Max.
0.069
0.010
0.065
0.020
0.010
0.197
0.157
0.244
0.020
0.050
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com