Electronic Components Datasheet Search
  English  ▼

X  

AOZ1016AI Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOZ1016AI
Description  EZBuck??2A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1016AI Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOZ1016AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1016AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AOZ1016
Rev. 1.1 September 2007
www.aosmd.com
Page 4 of 15
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the
device.
Note:
1. Devices are inherently ESD sensitive, handling precautions are
required. Human body model rating: 1.5k
Ω in series with 100pF.
Recommend Operating Ratings
The device is not guaranteed to operate beyond the Maximum
Operating Ratings.
Note:
2. The value of
Θ
JA is measured with the device mounted on 1-in
2 FR-4
board with 2oz. Copper, in a still air environment with TA = 25°C. The
value in any given application depends on the user’s specific board
design.
Electrical Characteristics
TA = 25°C, VIN = VEN = 12V, VOUT = 3.3V unless otherwise specified
(3)
Note:
3. Specification in BOLD indicate an ambient temperature range of -40°C to +85°C. These specifications are guaranteed by design.
Parameter
Rating
Supply Voltage (VIN)
18V
LX to AGND
-0.7V to VIN+0.3V
EN to AGND
-0.3V to VIN+0.3V
FB to AGND
-0.3V to 6V
COMP to AGND
-0.3V to 6V
PGND to AGND
-0.3V to +0.3V
Junction Temperature (TJ)
+150°C
Storage Temperature (TS)
-65°C to +150°C
ESD Rating(1)
2kV
Parameter
Rating
Supply Voltage (VIN)
4.5V to 16V
Output Voltage Range
0.8V to VIN
Ambient Temperature (TA)
-40°C to +85°C
Package Thermal Resistance SO-8
(
Θ
JA)
(2)
87°C/W
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIN
Supply Voltage
4.5
16
V
VUVLO
Input Under-Voltage Lockout Threshold
VIN Rising
VIN Falling
4.00
3.70
V
IIN
Supply Current (Quiescent)
IOUT = 0, VFB = 1.2V, VEN > 1.2V
23
mA
IOFF
Shutdown Supply Current
VEN = 0V
110
mA
VFB
Feedback Voltage
0.782
0.8
0.818
V
Load Regulation
0.5
%
Line Regulation
0.5
%
IFB
Feedback Voltage Input Current
200
nA
VEN
EN Input Threshold
Off Threshold
On Threshold
2.0
0.6
V
VHYS
EN Input Hysteresis
160
mV
MODULATOR
fO
Frequency
400
500
600
kHz
DMAX
Maximum Duty Cycle
100
%
DMIN
Minimum Duty Cycle
6%
Error Amplifier Voltage Gain
500
V / V
Error Amplifier Transconductance
200
µA / V
PROTECTION
ILIM
Current Limit
2.5
3.6
A
VPR
Output Over-Voltage Protection
Threshold
Off threshold
On threshold
960
860
mV
TJ
Over-Temperature Shutdown Limit
150
°C
tSS
Soft Start Interval
2.2
ms
OUTPUT STAGE
High-Side Switch On-Resistance
VIN = 12V
VIN = 5V
97
166
130
200
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com