Electronic Components Datasheet Search
  English  ▼

X  

EMC2101 Datasheet(PDF) 32 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 32 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 28Page - Microchip Technology EMC2101 Datasheet HTML 29Page - Microchip Technology EMC2101 Datasheet HTML 30Page - Microchip Technology EMC2101 Datasheet HTML 31Page - Microchip Technology EMC2101 Datasheet HTML 32Page - Microchip Technology EMC2101 Datasheet HTML 33Page - Microchip Technology EMC2101 Datasheet HTML 34Page - Microchip Technology EMC2101 Datasheet HTML 35Page - Microchip Technology EMC2101 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
EMC2101
DS20006703A-page 32
 2022 Microchip Technology Inc. and its subsidiaries
5.14
TACH Reading Registers
The TACH Registers hold the 16-bit TACH Reading.
This reading represents the number of TACH counts
detected. The RPM of the fan can be determined by
Equation 5-2 (see also Appendix C: “TACH Refer-
ence Table”). The bit weighting of each TACH[15:0] bit
is shown in parenthesis after the value. When deter-
mining the final fan speed, the TACH[15:0] bits need to
be decoded into an equivalent decimal number.
EQUATION 5-2:
5.15
TACH Limit Registers
The TACH Limit Registers store the maximum TACH
count that the fan is expected to operate at. TACH
count is inversely proportional to the actual fan speed.
This limit is used to guarantee that the fan has spun up
properly. If the measured TACH is higher than this limit
(indicating that the fan speed is lower than the mini-
mum RPM value), then the TACH bit is set in the Status
Register.
Additionally if the measured TACH count exceeds this
limit, depending on the status of the TACH_M[1:0] bits
(see Section 5.16 “Fan Configuration Register”),
the TACH reading registers may be forced to FFFFh.
REGISTER 5-12:
TACH READING REGISTERS (ADDRESSES 46h AND 47h)
Address
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
46h
R
TACH
Reading
Low Byte
TACH7
(128)
TACH6
(64)
TACH5
(32)
TACH4
(16)
TACH3
(8)
TACH2
(4)
TACH1
(2)
TACH0
(1)
FFh
47h
R
TACH
Reading
High Byte
TACH15
(32768)
TACH14
(16384)
TACH13
(8192)
TACH12
(4096)
TACH11
(2048)
TACH10
(1024)
TACH9
(512)
TACH8
(256)
FFh
RPM
5 400 000

TACH_Count
----------------------------------
=
Where:
TACH_COUNT = the decimal representation of
the TACH[15:0] bits.
REGISTER 5-13:
TACH READING LOW BYTE REGISTER (ADDRESSES 48h AND 49h)
Address R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
48h
R/W
TACH Limit
Low Byte
TACH_L7
TACH_L6
TACH_L5
TACH_L4
TACH_L3
TACH_L2
TACH_L1 TACH_L0
FFh
49h
R/W
TACH Limit
High Byte
TACH_L15
TACH_L14
TACH_L13
TACH_L12
TACH_L11 TACH_L10 TACH_L9 TACH_L8
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com