Electronic Components Datasheet Search
  English  ▼

X  

EMC2101 Datasheet(PDF) 4 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 4 Page - Microchip Technology

  EMC2101 Datasheet HTML 1Page - Microchip Technology EMC2101 Datasheet HTML 2Page - Microchip Technology EMC2101 Datasheet HTML 3Page - Microchip Technology EMC2101 Datasheet HTML 4Page - Microchip Technology EMC2101 Datasheet HTML 5Page - Microchip Technology EMC2101 Datasheet HTML 6Page - Microchip Technology EMC2101 Datasheet HTML 7Page - Microchip Technology EMC2101 Datasheet HTML 8Page - Microchip Technology EMC2101 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
EMC2101
DS20006703A-page 4
 2022 Microchip Technology Inc. and its subsidiaries
External Temperature Monitor
Temperature Accuracy
—
—
±0.5
±1
°C
+60°C < TDIODE < +100°C
10°C < TA < +70°C
—±1
±3
°C
0°C < TDIODE < +125°C
Temperature
Resolution
—
—
0.125
—
°C
11-bit resolution
Conversion Time
External Channel
tCONV
—21
—
ms
Diode Decoupling
Capacitor
CFILTER
—
—
2.2
nF
Connected across External Diode
(2N3904)
Diode Decoupling
Capacitor
CFILTER
—
—
470
pF
Connected across Substrate Transis-
tor (CPU diode)
Resistance Error Cor-
rection
RSERIES
—
100
—
Ω
Series resistance in DP and DN lines
TACH Measurement
TACH Accuracy
—
—
—
10
%
TACH valid
Fan Counter Clock
Frequency
——
90
—
kHz
Pulse Width Modulator Fan Driver
PWM Resolution
—
—
64
—
Steps
PWM Frequency
fPWM
22
—
5k
Hz
For 64 steps, higher frequencies are
possible with reduced resolution
(see Appendix B: “Advanced PWM
Options”).
PWM Duty cycle
DPWM
0—
100
%
DAC Fan Driver
Output Voltage Drive
VDAC
0.2
VDD - 0.2
V
Current Load = ±1 mA
Total Unadjusted Error
TUE
—
5
—
%
Measured at 3/4 full scale
DAC Resolution
—
—
6
—
bits
Settling Time to within
1%
tSETTLE
—
40
—
µs
Capacitive Load = 100 pF
Digital I/O pins (PWM, SMDATA, SMCLK, ALERT/TACH)
Output High Voltage
VOH
VDD - 0.3
—
—
V
8 mA Current Source
Output Low Voltage
VOL
—
—
0.3
V
8 mA Current Sink
Output Leakage
Current
ILEAK
—
—
10
µA
Device powered or unpowered
TA <+85°C
Pull-up voltage ≤ 3.6V
TABLE 1-1:
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise specified VDD = 3.0V to 3.6V, TA = 0°C to +85°C,
all typical values at TA = +27°C
Characteristic
Sym.
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com