Electronic Components Datasheet Search
  English  ▼

X  

EMC2101 Datasheet(PDF) 33 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 33 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 29Page - Microchip Technology EMC2101 Datasheet HTML 30Page - Microchip Technology EMC2101 Datasheet HTML 31Page - Microchip Technology EMC2101 Datasheet HTML 32Page - Microchip Technology EMC2101 Datasheet HTML 33Page - Microchip Technology EMC2101 Datasheet HTML 34Page - Microchip Technology EMC2101 Datasheet HTML 35Page - Microchip Technology EMC2101 Datasheet HTML 36Page - Microchip Technology EMC2101 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 33
EMC2101
5.16
Fan Configuration Register
The Fan Configuration Register enables the Fan
Control Look-Up Table and polarity of the PWM signal
driving the output.
REGISTER 5-14:
FAN CONFIGURATION REGISTER (ADDRESS 4Ah)
U-0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
FORCE
PROG
POLARITY
CLK_SEL
CLK_OVR
TACH_M[1:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as 0
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
FORCE: Enables the External Temperature Force Register. This bit is not used if the Fan Control
Look-Up Table is not used.
1 = The External Temperature Force Register is used. When determining the position in the Fan
Control Look-Up Table, the contents of the External Temperature Force Register will be used instead
of the measured External Diode temperature. All limits will be checked against the measured External
Diode temperature as normal.
0 = (default) The External Diode Force Register is not used. The measured External Diode
temperature is used to determine the position in the Fan Control Look-Up Table.
bit 5
PROG: Enables the Fan Control Look-Up Table for update and sets fan driver output based on Fan
Control Look-Up Table values.
1 = (default) The Fan Setting Register and Fan Control Look-Up Table Registers can be written. The
value written into the Fan Setting Register will be instantly applied to the fan driver and the Fan Control
Look-Up Table will not be used.
0 = The Fan Setting Register and Fan Control Look-Up Table Registers are read-only and the Fan
Control Look-Up Table Registers will be used.
bit 4
POLARITY: Sets the polarity of the Fan output driver. For the EMC2101-R, the value of this bit is
determined by the value of the pull-up resistor on the ALERT/TACH pin (see Table 4-1). When the
PWM default value is set at 100% duty cycle, the default value is set to ‘1’ and when the PWM default
value is set to 0% duty cycle, the default value is set to ‘0’. This occurs within 10 ms after power-up.
1 = The polarity of the Fan output driver is inverted. A ‘00h’ setting will correspond to a 100% duty
cycle or maximum DAC output voltage.
0 = (default) The polarity of the Fan output driver is noninverted. A ‘00h’ setting will correspond to a
0% duty cycle or minimum DAC output voltage.
bit 3
CLK_SEL: Determines the base clock that is used to determine the final PWM frequency.
1 = The base clock that is used to determine the PWM frequency is 1.4 kHz.
0 = (default) The base clock that is used to determine the PWM frequency is 360 kHz.
bit 2
CLK_OVR: Overrides the CLK_SEL bit and uses the Frequency Divide Register to determine the
base PWM frequency. It is recommended that this bit be set for maximum PWM resolution.
1 = The base clock that is used to determine the PWM frequency is set by the Frequency Divide
Register.
0 = (default) The base clock frequency for the PWM is determined by the CLK_SEL bit.
bit 1-0
TACH_M: Determines the basic operation of the tachometer input as shown in Table 5-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com