Electronic Components Datasheet Search
  English  ▼

X  

EMC2101 Datasheet(PDF) 7 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 7 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 3Page - Microchip Technology EMC2101 Datasheet HTML 4Page - Microchip Technology EMC2101 Datasheet HTML 5Page - Microchip Technology EMC2101 Datasheet HTML 6Page - Microchip Technology EMC2101 Datasheet HTML 7Page - Microchip Technology EMC2101 Datasheet HTML 8Page - Microchip Technology EMC2101 Datasheet HTML 9Page - Microchip Technology EMC2101 Datasheet HTML 10Page - Microchip Technology EMC2101 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006703A-page 7
EMC2101
2.0
SYSTEM MANAGEMENT BUS
INTERFACE PROTOCOL
2.1
System Management Bus
Interface Protocol
The EMC2101 communicates with a host controller
through the SMBus. The SMBus is a two-wire serial
communication protocol between a computer host and
its peripheral devices. A detailed timing diagram is
shown in Figure 2-1. Stretching of the SMCLK signal is
supported, however the EMC2101 does not stretch the
clock signal
The EMC2101 powers up as an SMBus client (after
loading from EEPROM as applicable).
FIGURE 2-1:
SMBus Timing Diagram.
The EMC2101 is SMBus 2.0 compatible and supports
Send Byte, Read Byte, Write Byte, Receive Byte and
the Alert Response Address as valid protocols, as
shown below.
All of the protocols below use the convention in
Table 2-1.
TABLE 2-1:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Host
# of bits sent
# of bits sent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com