Electronic Components Datasheet Search
  English  ▼

X  

EMC2101 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC2101
Description  SMBus Fan Control with 1°C Accurate Temperature Monitoring
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC2101 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC2101 Datasheet HTML 4Page - Microchip Technology EMC2101 Datasheet HTML 5Page - Microchip Technology EMC2101 Datasheet HTML 6Page - Microchip Technology EMC2101 Datasheet HTML 7Page - Microchip Technology EMC2101 Datasheet HTML 8Page - Microchip Technology EMC2101 Datasheet HTML 9Page - Microchip Technology EMC2101 Datasheet HTML 10Page - Microchip Technology EMC2101 Datasheet HTML 11Page - Microchip Technology EMC2101 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
EMC2101
DS20006703A-page 8
 2022 Microchip Technology Inc. and its subsidiaries
2.2
Write Byte
The Write Byte is used to write one byte of data to the
registers as shown in Table 2-2.
2.3
Read Byte
The Read Byte protocol is used to read one byte of data
from the registers as shown in Table 2-3.
2.4
Send Byte
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol,
as shown in Table 2-4.
2.5
Receive Byte
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g. set via Send
Byte). This is used for consecutive reads of the same
register as shown in Table 2-5.
TABLE 2-2:
WRITE BYTE PROTOCOL
START
Client Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
STOP
17
1
1
8
1
8
1
1
TABLE 2-3:
READ BYTE PROTOCOL
START
Client Address
WR
ACK
Register Address
ACK
17
1
1
8
1
START
Client Address
RD
ACK
Register Data
NACK
STOP
17
1
1
8
1
1
TABLE 2-4:
SEND BYTE PROTOCOL
START
Client Address
WR
ACK
Register
Address
ACK
STOP
17
1
1
8
1
1
TABLE 2-5:
RECEIVE BYTE PROTOCOL
START
Client Address
RD
ACK
Register Data
NACK
STOP
17
1
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com