Electronic Components Datasheet Search
  English  ▼

X  

KSZ8565R Datasheet(PDF) 22 Page - Microchip Technology

Part # KSZ8565R
Description  5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8565R Datasheet(HTML) 22 Page - Microchip Technology

Back Button KSZ8565R Datasheet HTML 18Page - Microchip Technology KSZ8565R Datasheet HTML 19Page - Microchip Technology KSZ8565R Datasheet HTML 20Page - Microchip Technology KSZ8565R Datasheet HTML 21Page - Microchip Technology KSZ8565R Datasheet HTML 22Page - Microchip Technology KSZ8565R Datasheet HTML 23Page - Microchip Technology KSZ8565R Datasheet HTML 24Page - Microchip Technology KSZ8565R Datasheet HTML 25Page - Microchip Technology KSZ8565R Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 235 page
background image
KSZ8565R
DS00002327F-page 22
 2022 Microchip Technology Inc. and its subsidiaries
If a device in Fast Link-up mode is connected to a normal device (auto-negotiate and auto-MDI/MDI-X), there will be no
problems linking, but the speed advantage of Fast Link-up will not be realized.
For more information on configuration straps, refer to Section 3.2.1, "Configuration Straps," on page 16.
4.1.8
LinkMD®+ ENHANCED DIAGNOSTICS: RECEIVE SIGNAL QUALITY INDICATOR
A receive Signal Quality Indicator (SQI) feature can be used to determine the relative quality of the 100BASE-TX receive
signal. It approximates a signal-to-noise ratio, and is affected by cable length, cable quality, and coupled of environmen-
tal noise.
The raw SQI values are available for reading at any time from the MMD Signal Quality Register which is located in the
MMD register space.
Use bits [14:8] from the register. A lower value indicates better signal quality, while a higher value indicates worse signal
quality. Even for a stable configuration in a low-noise environment, the value read from this register will vary, often sig-
nificantly. It is necessary to average many readings to come up with a reasonably useful result. The update interval of
the SQI register is 2µs, so measurements taken more frequently than 2µs will be redundant. In a quiet environment, It
is suggested to average a minimum of 10 to 20 readings. In a noisy environment, individual readings are even more
unreliable, so a minimum of 30 to 50 readings are suggested for averaging. The SQI circuit does not include any hys-
teresis.
The Linux driver provided by Microchip includes SQI support. It does the averaging and provides a single number to
represent the SQI.
4.1.9
REMOTE PHY LOOPBACK
This loopback mode checks the line (differential pairs, transformer, RJ-45 connector, Ethernet cable) transmit and
receive data paths between the KSZ8565R and its Ethernet PHY link partner, and is supported for 10/100 Mbps at full-
duplex.
The loopback data path is shown in Figure 4-2 and functions as follows:
• The Ethernet PHY link partner transmits data to the KSZ8565R PHY port.
• Data received at the external pins of the PHY port is looped back without passing through the MAC and internal
switch fabric.
• The same KSZ8565R PHY port transmits data back to the Ethernet PHY link partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com