Electronic Components Datasheet Search
  English  ▼

X  

KSZ8565R Datasheet(PDF) 59 Page - Microchip Technology

Part # KSZ8565R
Description  5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8565R Datasheet(HTML) 59 Page - Microchip Technology

Back Button KSZ8565R Datasheet HTML 55Page - Microchip Technology KSZ8565R Datasheet HTML 56Page - Microchip Technology KSZ8565R Datasheet HTML 57Page - Microchip Technology KSZ8565R Datasheet HTML 58Page - Microchip Technology KSZ8565R Datasheet HTML 59Page - Microchip Technology KSZ8565R Datasheet HTML 60Page - Microchip Technology KSZ8565R Datasheet HTML 61Page - Microchip Technology KSZ8565R Datasheet HTML 62Page - Microchip Technology KSZ8565R Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 235 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002327F-page 59
KSZ8565R
4.11.3
MII MANAGEMENT (MIIM) INTERFACE
The device supports the IEEE 802.3 MII management interface, also known as the management data input/output
(MDIO) interface. This interface allows upper-layer devices to monitor and control the states of the KSZ8565R PHY
blocks, but it does not provide access to the switch registers. An external device with MDC/MDIO capability can read
the PHY status or configure the PHY settings. Details on the MIIM interface can be found in Clauses 22 and 45 of the
IEEE 802.3 Specification.
Use of MIIM conflicts with use of the In-Band Management interface. These interfaces cannot be used simultaneously.
The MIIM interface consists of the following:
• A physical connection that uses a data signal (MDIO) and a clock signal (MDC) for communication between an
external controller and the KSZ8565R. Note that the MDIO signal is open-drain.
• A specific protocol that operates across the two signal physical connection that allows an external controller to
communicate with the internal PHY devices.
• Access to a set of standard, vendor-specific and extended (MMD) 16-bit registers. These registers are also
directly accessible via the SPI and I2C interface options.
The MIIM Interface can operate up to a maximum clock speed of 5MHz. Access is limited to only the registers in the
PHY blocks of ports 1 through 4. Table 4-27 summarizes the MII management interface frame format.
The MIIM PHY address to PHY port mapping is as follows:
• PHY Address 1h to PHY port 1
• PHY Address 2h to PHY port 2
• PHY Address 3h to PHY port 3
• PHY Address 4h to PHY port 4
The MIIM register address space consists of two distinct areas.
• Standard MIIM Registers (Direct)
• MDIO Manageable Device (MMD) Registers (Indirect)
4.11.3.1
Standard MIIM Registers (Direct)
Standard registers provide direct read/write access to a 32-register address space, as defined in Clause 22 of the IEEE
802.3 Specification. Within this address space, the first 16 registers (Registers 0h to Fh) are defined according to the
IEEE specification, while the remaining 16 registers (Registers 10h to 1Fh) are defined specific to the PHY vendor.
The KSZ8565R supports the standard registers listed in Table 4-28 for each PHY port. Each 16-bit MIIM Standard Reg-
ister Address maps to two corresponding 8-bit Port N Register Addresses. The register bit map and description are
located at the 8-bit Port N Register Addresses.
TABLE 4-27:
MII MANAGEMENT INTERFACE FRAME FORMAT
Operation
Mode
Preamble
(32-bit)
Start of
Frame
(2-bit)
Operation
Code
(2-bit)
PHY
Address
(5-bit)
Register
Address
(5-bit)
Turn
Around
(2-bit)
Register
Data
(16-bit)
Idle
Read
All 1s
01
10
A[4:0]
Reg[4:0]
Z0
D[15:0]
Z
Write
All 1s
01
01
A[4:0]
Reg[4:0]
10
D[15:0]
Z
TABLE 4-28:
STANDARD MIIM REGISTERS
MIIM Standard
Register Address
(hex)
Port N
Register Address
(hex)
Description
IEEE-Defined Registers
0h
0xN100 - 0xN101
PHY Basic Control Register
1h
0xN102 - 0xN103
PHY Basic Status Register
2h
0xN104 - 0xN105
PHY ID High Register
3h
0xN106 - 0xN107
PHY ID Low Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com