Electronic Components Datasheet Search
  English  ▼

X  

KSZ8565R Datasheet(PDF) 64 Page - Microchip Technology

Part # KSZ8565R
Description  5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8565R Datasheet(HTML) 64 Page - Microchip Technology

Back Button KSZ8565R Datasheet HTML 60Page - Microchip Technology KSZ8565R Datasheet HTML 61Page - Microchip Technology KSZ8565R Datasheet HTML 62Page - Microchip Technology KSZ8565R Datasheet HTML 63Page - Microchip Technology KSZ8565R Datasheet HTML 64Page - Microchip Technology KSZ8565R Datasheet HTML 65Page - Microchip Technology KSZ8565R Datasheet HTML 66Page - Microchip Technology KSZ8565R Datasheet HTML 67Page - Microchip Technology KSZ8565R Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 235 page
background image
KSZ8565R
DS00002327F-page 64
 2022 Microchip Technology Inc. and its subsidiaries
4.13.3
REDUCED GIGABIT MEDIA INDEPENDENT INTERFACE (RGMII)
RGMII provides a common interface between RGMII PHYs and MACs, and has the following key characteristics:
• Pin count is reduced from 24 pins for GMII to 12 pins for RGMII.
• All speeds (10Mbps, 100Mbps and 1000Mbps) are supported at both half- and full-duplex.
• Data transmission and reception are independent and belong to separate signal groups.
• Transmit data and receive data are each four bits wide - a nibble.
In RGMII operation, the RGMII pins function as follows:
• The MAC sources the transmit reference clock, TX_CLK, at 125MHz for 1000Mbps, 25MHz for 100Mbps, and
2.5MHz for 10Mbps.
• The PHY recovers and sources the receive reference clock, RX_CLK, at 125MHz for 1000Mbps, 25MHz for
100Mbps, and 2.5MHz for 10Mbps.
• For 1000BASE-T, the transmit data, TXD[3:0], is presented on both edges of TX_CLK, and the received data,
RXD[3:0], is clocked out on both edges of the recovered 125MHz clock, RX_CLK.
• For 10BASE-T/100BASE-TX, the MAC holds TX_CTL low until both the PHY and MAC operate at the same
speed. During the speed transition, the receive clock is stretched on either a positive of neagative pulse to ensure
that no clock glitch is presented to the MAC.
• TX_ER and RX_ER are combined with TX_EN and RX_DV, respectively, to form TX_CTL and RX_CTL. These
two RGMII control signals are valid at the falling clock edge.
After power-up or reset, the device is configured to RGMII mode if the appropriate configuration strap pins are set to
one of the RGMII mode capability options. Refer to Section 3.2.1, "Configuration Straps," on page 16 for available
options. Note that there is no mechanism for the RGMII interface to adapt its speed automatically to the speed of the
connected RGMII device. A configuration strap option sets the speed of the RGMII interface at power-up to either
1000Mbps or 100Mbps. A control register can override the configuration strap option and set the RGMII speed to either
1000, 100 or 10Mbps. If a PHY is connected to the RGMII port, it should be ensured that the PHY link speed is fixed in
order to avoid a mismatch to the RGMII speed.
TABLE 4-32:
RMII CONNECTION TO EXTERNAL MAC
RMII Interface Signals Description
KSZ8565R Signals
External MAC Device Signals
Transmit Enable
TX_EN (input)
TX_EN (output)
Transmit Data Bits [1:0]
TXD[1:0] (input)
TXD[1:0] (output)
Reference Clock
REFCLKI (input)
or REFCLKO (output)
REF_CLK
(input or output)
Carrier Sense Data Valid
RX_DV (output)
CRS_DV (input)
Receive Error
RX_ER (output)
RX_ER (input)
Receive Data Bits [1:0]
RXD[1:0] (output)
RXD[1:0] (input)
TABLE 4-33:
RMII CONNECTION TO EXTERNAL PHY
RMII Interface Signals Description
KSZ8565R Signals
External PHY Device Signals
Transmit Enable
RX_DV (output)
TX_EN (input)
Transmit Data Bits [1:0]
RXD[1:0] (output)
TXD[1:0] (input)
Reference Clock
REFCLKI (input)
or REFCLKO (output)
REF_CLK
(input or output)
Carrier Sense Data Valid
TX_EN (input)
CRS_DV (output)
Receive Error
No connection
RX_ER (output)
Receive Data Bits [1:0]
TXD[1:0] (input)
RXD[1:0] (output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com