Electronic Components Datasheet Search
  English  ▼

X  

KSZ8565R Datasheet(PDF) 73 Page - Microchip Technology

Part # KSZ8565R
Description  5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8565R Datasheet(HTML) 73 Page - Microchip Technology

Back Button KSZ8565R Datasheet HTML 69Page - Microchip Technology KSZ8565R Datasheet HTML 70Page - Microchip Technology KSZ8565R Datasheet HTML 71Page - Microchip Technology KSZ8565R Datasheet HTML 72Page - Microchip Technology KSZ8565R Datasheet HTML 73Page - Microchip Technology KSZ8565R Datasheet HTML 74Page - Microchip Technology KSZ8565R Datasheet HTML 75Page - Microchip Technology KSZ8565R Datasheet HTML 76Page - Microchip Technology KSZ8565R Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 235 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002327F-page 73
KSZ8565R
5.1.1.9
Global Port Interrupt Mask Register
This register enables the interrupts in the Global Port Interrupt Status Register.
Address:
0x001C - 0x001F
Size:
32 bits
Bits
Description
Type
Default
31:7
RESERVED
RO
-
6
Port 5 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
5:4
RESERVED
RO
-
3
Port 4 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
2
Port 3 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
1
Port 2 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b
0
Port 1 Interrupt Mask
0 = Interrupt enabled
1 = Interrupt disabled
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com