Electronic Components Datasheet Search
  English  ▼

X  

KSZ8565R Datasheet(PDF) 63 Page - Microchip Technology

Part # KSZ8565R
Description  5-Port 10/100 Ethernet Switch with Audio Video Bridging and Single RGMII/MII/RMII Interface
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8565R Datasheet(HTML) 63 Page - Microchip Technology

Back Button KSZ8565R Datasheet HTML 59Page - Microchip Technology KSZ8565R Datasheet HTML 60Page - Microchip Technology KSZ8565R Datasheet HTML 61Page - Microchip Technology KSZ8565R Datasheet HTML 62Page - Microchip Technology KSZ8565R Datasheet HTML 63Page - Microchip Technology KSZ8565R Datasheet HTML 64Page - Microchip Technology KSZ8565R Datasheet HTML 65Page - Microchip Technology KSZ8565R Datasheet HTML 66Page - Microchip Technology KSZ8565R Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 235 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002327F-page 63
KSZ8565R
4.13.2
REDUCED MEDIA INDEPENDENT INTERFACE (RMII)
The reduced media independent interface (RMII) specifies a low pin count interface, which is based on MII, that provides
communication with a MAC attached to the port. As with MII, RMII provides a common interface between physical layer
and MAC layer devices, or between two MAC layer devices, and has the following key characteristics:
• Supports network data rates of either 10Mbps or 100Mbps.
• Uses a single 50MHz clock reference (provided internally or externally) for both transmit and receive data.
• Uses independent 2-bit wide transmit and receive data paths.
• Contains two distinct groups of signals: one for transmission and the other for reception.
The user selects one of the two RMII clocking modes by setting the appropriate strapping option.
While in RMII Normal Mode, the port will require an external 50MHz signal to be input to TX_CLK/REFCLKI from an
external source. This mode is selected by strapping the pin RXD1 high during reset.
While in RMII Clock Mode, the port will output a 50MHz clock on RX_CLK/REFCLKO, which is derived from the 25MHz
crystal or oscillator attached to the XI clock input. The TX_CLK/REFCLKI input is unused in this mode. This mode is
selected by strapping the pin RXD1 low during reset.
Refer to Section 3.2.1, "Configuration Straps," on page 16 for additional configuration strap information.
Table 4-31 describes the signals used by the RMII interface. Refer to the RMII specification for full details on the signal
descriptions.
Port 5 in RMII mode may connect to either an external MAC device (such as a host processor) or to an external PHY;
but unlike MII, RMII does not provide separate PHY and MAC modes of operation. However, it is necessary to connect
the pins properly.
Receive Data Bits [3:0]
TXD[3:0] (input)
RXD[3:0] (output)
Receive Clock
TX_CLK (input)
RX_CLK (output)
TABLE 4-31:
RMII SIGNAL DESCRIPTIONS
RMII Signal
Name
(per spec)
RMII Signal
(per KSZ8565R)
Pin Direction
(with respect to
PHY, KSZ8565R)
Pin Direction
(with respect to
MAC)
RMII Signal Description
REF_CLK
REFCLKI
Input
Input or Output
Synchronous 50MHz reference clock,
when port is in RMII Normal Mode
n/a
REFCLKO
Output
Input
Synchronous 50MHz reference clock,
when port is in RMII Clock Mode
TX_EN
TX_EN
Input
Output
Transmit Enable
TXD[1:0]
TXD[1:0]
Input
Output
Transmit Data Bit [1:0]
CRS_DV
RX_DV
Output
Input
Carrier Sense / Receive Data Valid
RX_ER
RX_ER
Output
Input or
not required
Receive Error
RXD[1:0]
RXD[1:0]
Output
Input
Receive Data Bit [1:0]
TABLE 4-30:
MII (MAC MODE) CONNECTION TO EXTERNAL PHY (CONTINUED)
MII Interface Signals Description
KSZ8565R Signals in MAC Mode
External PHY Device Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com