Electronic Components Datasheet Search
  English  ▼

X  

PL0501 Datasheet(PDF) 4 Page - Power IC Ltd.

Part # PL0501
Description  500mA Low-Dropout Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0501 Datasheet(HTML) 4 Page - Power IC Ltd.

  PL0501 Datasheet HTML 1Page - Power IC Ltd. PL0501 Datasheet HTML 2Page - Power IC Ltd. PL0501 Datasheet HTML 3Page - Power IC Ltd. PL0501 Datasheet HTML 4Page - Power IC Ltd. PL0501 Datasheet HTML 5Page - Power IC Ltd. PL0501 Datasheet HTML 6Page - Power IC Ltd. PL0501 Datasheet HTML 7Page - Power IC Ltd. PL0501 Datasheet HTML 8Page - Power IC Ltd. PL0501 Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
-0.3 to +6.0
V
VEN
Enable Input Voltage at Pin 3
-0.3 to +6.0
V
PD
Continuous Power Dissipation
Internally limited
W
TSTG
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance, Junction-To-Air
+235
°C/W
TJ,MAX
Operating Junction Temperature
-40 to +125
°C
TL
Lead Temperature (Soldering, 5sec)
+260
°C
ESD
ESD Capability, HBM Model
2.0
KV
ELECTRICAL CHARACTERISTICS
( All specifications are at TA = 25°C. VIN = VOUT ( NOMINAL ) + 1V OR 2.5V whichever is greater, VEN = VIN, CIN =
COUT = 1µF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN
Supply Voltage
2.5
5.5
V
IO = 1mA, TA = +25°C
-1.0
+1.0
%
Output Voltage Accuracy
IO = 1mA to 500mA,
TA = +25°C
-1.25
+1.25
%
ILOAD = 500mA
175
mV
VDP
Dropout Voltage (Note 1)
ILOAD = 100mA
60
mV
IMAX
Maximum Output Current
Continuous
500
mA RMS
ILIM
Short Circuit Current Limit
VOUT < 90% of V NOM
1500
mA
IQ
Shutdown Quiescent Current
VEN < 0.4V
0.01
0.5
µA
IG
Ground Pin Current
ILOAD = 1mA
205
300
nA
ΔVLINE
VIN = VOUT + 1V (or 2.5V,
whichever is greater) to 5.5V,
IO = 1 mA
Line Regulation dVOUT/dVIN
0.1
%/V
ΔVLOAD
Load Regulation
ILOAD = 1mA to 500mA
1
%
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4
f = 100 Hz
75
PSRR
Ripple Rejection, COUT= 1µF,
CBYP = 10nF, ILOAD = 10mA
dB
f = 10 KHz
70
eNO
Output Voltage Noise
COUT = 10µF, CBYP = 10nF,
150
µVRMS
PL0501



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com